Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD-2412D6LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza BD-2412D6LF
Descripción Electrónicos  2 To 6 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2412D6LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BD-2412D6LF Datasheet HTML 1Page - Bothhand USA, LP. BD-2412D6LF Datasheet HTML 2Page - Bothhand USA, LP. BD-2412D6LF Datasheet HTML 3Page - Bothhand USA, LP. BD-2412D6LF Datasheet HTML 4Page - Bothhand USA, LP. BD-2412D6LF Datasheet HTML 5Page - Bothhand USA, LP. BD-2412D6LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD LF - Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
Page
1
of
6
1 . Features
l
Wide 2 : 1 Input Range
l
Low Ripple And Noise
l
Input / Output Isolation 1.5K Vdc Or 3K Vdc
l
100% Burn-In
l
Input π - Filter
l
Custom Design Available
l
Net Weight : 12 g / 17 g
Typical
l
RoHS Converter Certified By SGS
2 . Single Output Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
1) 2 W Single Output Series
BD-1205S2 LF
5
400
9
235
50
± 0.5
71
BD-1215S2 LF
9~18
15
134
9
226
120
± 0.5
74
BD-2405S2 LF
5
400
6
116
50
± 0.5
72
BD-2412S2 LF
12
167
6
113
100
± 0.5
74
BD-2415S2 LF
18~36
15
134
6
109
120
± 0.5
77
BD-4805S2 LF
5
400
3
57
50
± 0.5
73
BD-4812S2 LF
36~75
12
167
3
55
100
± 0.5
76
2) 4 W Single Output Series
BD-123R3S4 LF
3.3
1000
19
357
50
± 0.5
77
BD-1205S4 LF
5
800
20
422
50
± 0.5
79
BD-1212S4 LF
9~18
12
333
22
416
100
± 0.5
80
BD-2405S4 LF
5
800
10
211
50
± 0.5
79
BD-2412S4 LF
12
333
13
208
100
± 0.5
80
BD-2415S4 LF
18~36
15
267
15
201
120
± 0.5
83
BD-4805S4 LF
5
800
6
105
50
± 0.5
79
BD-4812S4 LF
36~75
12
333
7
104
100
± 0.5
80
3) 6 W Single Output Series
BD-1205S6 LF
5
1200
19
633
50
± 0.5
79
BD-1215S6 LF
9~18
15
500
20
625
100
± 0.5
80
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Número de pieza similar - BD-2412D6LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BD-2412D6 BOTHHAND-BD-2412D6 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results

Descripción similar - BD-2412D6LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com