Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT811LTBI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT811LTBI-GT3
Descripción Electrónicos  4-Pin Microprocessor Power Supply Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811LTBI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT811LTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT811
www.onsemi.com
4
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
(VCC = Full range, TA = −40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5 V for the L version,
VCC = 3.3 V for the T/S versions.)
Parameter
Units
Max
Typ
Min
Conditions
Symbol
RESET Output
Voltage Low
(Push−pull, active
LOW, CAT811)
VOL
VCC = VTH min, ISINK = 1.2 mA CAT811S/T
0.3
V
VCC = VTH min, ISINK = 3.2 mA CAT811L
0.4
VCC > 1.0 V, ISINK = 50 mA
0.3
RESET Output
Voltage High
(Push−pull, active
LOW, CAT811)
VOH
VCC = VTH max, ISOURCE = 500 mA CAT811S/T
0.8VCC
V
VCC = VTH max, ISOURCE = 800 mA CAT811L
VCC − 1.5
V
MR Minimum Pulse
Width
tMR
10
ms
MR Glitch Immunity
(Note 2)
100
ns
MR to RESET
Propagation Delay
tMD
(Note 3)
0.5
ms
MR Input Threshold
VIH
VCC > VTH (MAX), CAT811L
2.3V
V
VIL
0.8
VIH
VCC > VIH (MAX), CAT811S/T
0.7VCC
VIL
0.25VCC
MR Pull−up
Resistance
10
20
75
k
W
1. Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
2. Glitches of 100 ns or less typically will not generate a reset pulse.
3. RESET output for the CAT811.


Número de pieza similar - CAT811LTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT811LTBI-GT3 CATALYST-CAT811LTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Descripción similar - CAT811LTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
1998
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com