Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC709203FXE-02MH Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LC709203FXE-02MH
Descripción Electrónicos  Smart LiB Gauge Battery Fuel Gauge LSI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FXE-02MH Datasheet(HTML) 1 Page - ON Semiconductor

  LC709203FXE-02MH Datasheet HTML 1Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 2Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 3Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 4Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 5Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 6Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 7Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 8Page - ON Semiconductor LC709203FXE-02MH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
June 2016 - Rev. 9
LC709203F/D
LC709203F
Smart LiB Gauge
Battery Fuel Gauge LSI
for 1-Cell Lithium-ion (Li+)
Overview
LC709203F is a Fuel Gauge for a single lithium ion battery. It is part of
our Smart LiB Gauge family of Fuel Gauges which measure the
battery RSOC (Relative State Of Charge) using its unique algorithm
called HG-CVR. The HG-CVR algorithm eliminates the use of a sense
resistor and provides accurate RSOC information even under unstable
conditions (e.g. changes of battery; temperature, loading, aging and self-
discharge). An accurate RSOC contributes to the operating time of
portable devices.
LC709203F is available in two small packages realizing the industries
smallest PCB footprint for the complete solution. It has minimal
parameters to be set by the user enabling simple, quick setup and
operation.
Features
 HG-CVR algorithm technology
 No external sense resistor
 2.8% accuracy of RSOC
 Accurate RSOC of aging battery
 Automatic convergence of error
 Adjustment for the parasitic impedance around the battery
 Simple and Quick Setup
 Low power consumption
 3μA Operational mode
 Precision Voltage measurement
 ±7.5mV
 Precision Timer
 ±3.5%
 Alerts for Low RSOC and / or Low Voltage
 Temperature compensation
 Sense Thermistor input
 Via I2C
 Detect Battery insertion
 I2C Interface (up to 400 kHz supported)
Applications
 Wireless Handsets
 Smartphones / PDA devices
 MP3 players
 Digital cameras
 Portable Game Players
 USB-related devices
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 22 of this data sheet
WDFN8 3x4, 0.65P
Pb-Free, Halogen Free type
WLCSP9, 1.60x1.76
Pb-Free, Halogen Free type
* I
2C Bus is a trademark of Philips Corporation.


Número de pieza similar - LC709203FXE-02MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC709203FXE-02MH ONSEMI-LC709203FXE-02MH Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results

Descripción similar - LC709203FXE-02MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com