Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT824STDI-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT824STDI-GT3
Descripción Electrónicos  System Supervisory Voltage Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT824STDI-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT824STDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT824STDI-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT823, CAT824, CAT825
http://onsemi.com
8
Application Notes
mP’s with Bidirectional Reset Pins
The RESET output can be pulled low by processors like
the 68HC11 allowing for a system reset issued by the
processor. The maximum pullup current that can be sourced
by the CAT82_L/M is 1.5 mA (and by the CAT82_T/R/S/Z/Y
is 800
mA) allowing the processor to pull the output low even
when the CAT82x is pulling it high.
Power Transients
Generally short duration negative−going transients of less
than 2
ms on the power supply at VRST minimum will not
cause a reset condition. However the lower the voltage of the
transient the shorter the required time to cause a reset output.
These issues can usually be remedied by the proper location
of bypass capacitance on the circuit board.
Output Valid Conditions
The RESET output uses a push−pull output which can
maintain a valid output down to a VCC of 1.0 volts. To sink
current below 0.8 V a resistor can be connected from RESET
to Ground (see Figure 11.) This arrangement will maintain
a valid value on the RESET output during both power up and
down but will draw current when the RESET output is in the
high state. A resistor value of about 100 k
W should be
adequate in most situations to maintain a low condition valid
output down to VCC equal to 0 V.
100 kW
CAT823
GND
WDI
mC
Figure 11. RESET Valid to 0 Volts VCC
VCC
MR
RESET
RESET


Número de pieza similar - CAT824STDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824STDI-GT3 ONSEMI-CAT824STDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT824STDI-GT3 ONSEMI-CAT824STDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Descripción similar - CAT824STDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824 ONSEMI-CAT824_12 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com