Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT824LSDI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT824LSDI-GT3
Descripción Electrónicos  System Supervisory Voltage Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT824LSDI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT824LSDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT824LSDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT823, CAT824, CAT825
http://onsemi.com
2
Figure 1. Block Diagram
RESET*
WDI*
+
DIGITAL
DELAY
LEVEL SENSE
&
DEBOUNCE
LEVEL SENSE
&
TIMER
TOLERANCE
BIAS
VOLTAGE
REFERENCE
* Functions Available by Device
TIMEOUT
COMPARATOR
VCC
VCC
RESET
VCC
VCC
MR*
VCC
52 kW
Device
RESET
RESET
MR
WDI
CAT823
x
x
x
CAT824
x
x
x
CAT825
x
x
x
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
6
V
All other pins
−0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current RESET, RESET
20
mA
Continuous Power Dissipations (TA = +70°C)
SC−70 5−lead (derate 3.1 mW/°C above +70°C)
TSOT−23 5−lead (derate 7.1 mW/°C above +70°C)
247
571
mW
Storage Temperature
−65 to 150
°C
Operating Ambient Temperature
−40 to +85
°C
Lead Soldering (10 seconds max)
+300
°C
ESD Rating: Low Voltage Pins
Human Body Model
Machine Model
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VCC (TA = 0°C to +70°C)
1.0 to 5.5
V
VCC (TA = −40°C to +85°C)
1.2 to 5.5
V
All Other Pins
−0.1 to (VCC + 0.1)
V
Ambient Temperature
−40 to +85
°C


Número de pieza similar - CAT824LSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824LSDI-GT3 ONSEMI-CAT824LSDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT824LSDI-GT3 ONSEMI-CAT824LSDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Descripción similar - CAT824LSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824 ONSEMI-CAT824_12 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com