Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT824SSDI-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT824SSDI-GT3
Descripción Electrónicos  System Supervisory Voltage Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT824SSDI-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT824SSDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT824SSDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT823, CAT824, CAT825
http://onsemi.com
5
FUNCTIONAL DESCRIPTION
Processor RESET
The CAT823−825 detect supply voltage (VCC) conditions
that are below the specified voltage trip value (VRST) and
provide a reset output to maintain correct system operation.
On power−up, RESET (and RESET if available) are kept
active for a minimum delay tRP of 140 ms after the supply
voltage (VCC) rises above VRST to allow the power supply
and processor to stabilize. When VCC drops below the
voltage trip value (VRST), the reset output signals RESET
(and RESET) are pulled active. RESET (and RESET if
available) is specifically designed to provide the reset input
signals for processors. This provides reliable and consistent
operation as power is turned on, off or during brownout
conditions by maintaining the processor operation in known
conditions.
Manual RESET
The CAT823 and CAT825 each have a Manual Reset
(MR) input to allow for alternative control of the reset
outputs. The MR input is designed for direct connection to
a pushbutton (see Figure 4). The MR input is internally
pulled up by 52 k
W resistor and must be pulled low to cause
the reset outputs to go active. Internally, this input is
debounced and timed such that RESET (and RESET)
signals of at least 140 ms minimum will be generated. The
min 140 ms tRP delay commences as the Manual Reset input
is released from the low level. (see Figure 5)
RESET
CAT825
GND
Supply
Voltage
Figure 4. Pushbutton RESET
VCC
MR
RESET
Figure 5. Timing Diagram – Pushbutton RESET
RESET
RESET
MR
VIL
tPDLY
tPB
VIH
tRP
VOH
VOL


Número de pieza similar - CAT824SSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824SSDI-GT3 ONSEMI-CAT824SSDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT824SSDI-GT3 ONSEMI-CAT824SSDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Descripción similar - CAT824SSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT824 ONSEMI-CAT824_12 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com