Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS63060-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS63060-EP
Descripción Electrónicos  HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63060-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS63060-EP Datasheet HTML 1Page - Texas Instruments TPS63060-EP Datasheet HTML 2Page - Texas Instruments TPS63060-EP Datasheet HTML 3Page - Texas Instruments TPS63060-EP Datasheet HTML 4Page - Texas Instruments TPS63060-EP Datasheet HTML 5Page - Texas Instruments TPS63060-EP Datasheet HTML 6Page - Texas Instruments TPS63060-EP Datasheet HTML 7Page - Texas Instruments TPS63060-EP Datasheet HTML 8Page - Texas Instruments TPS63060-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS63060-EP
www.ti.com
SLVSC92 – DECEMBER 2013
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Check for Samples: TPS63060-EP
1
FEATURES
2
Up to 93% Efficiency
APPLICATIONS
2A/1A Output Current at 5V in Buck Mode
Dual LI-Ion Application
1.3A Output Current at 5V in Boost Mode
DSC's and Camcorders
(VIN>4V)
Notebook Computer
Automatic Transition Between Step Down and
Industrial Metering Equipment
Boost Mode
Ultra Mobile PC's and Mobile Internet Devices
Typical Device Quiescent Current less than
Personal Medical Products
30
μA
High Power LED's
Input Voltage Range: 2.5V to 12V
Fixed and Adjustable Output Voltage Options
SUPPORTS DEFENSE, AEROSPACE,
from 2.5V to 8V
AND MEDICAL APPLICATIONS
Power Save Mode for Improved Efficiency at
Controlled Baseline
Low Output Power
One Assembly and Test Site
Forced Fixed Frequency Operation at 2.4MHz
One Fabrication Site
and Synchronization Possible
Available in Military (–55°C to 125°C)
Power Good Output
Temperature Range
Buck-Boost Overlap Control™
Extended Product Life Cycle
Load Disconnect During Shutdown
Extended Product-Change Notification
Overtemperature Protection
Product Traceability
Overvoltage Protection
Available in a 3-mm × 3-mm, SON-10 Package
DESCRIPTION
The TPS63060 provides a power supply solution for products powered by either three-cell up to six-cell alkaline,
NiCd or NiMH battery, or a one-cell or dual-cell Li-Ion or Li-polymer battery. Output currents can go as high as
2A while using a dual-cell Li-Ion or Li-Polymer Battery, and discharge it down to 5V or lower. The buck-boost
converter is based on a fixed frequency, pulse-width-modulation (PWM) controller using synchronous rectification
to obtain maximum efficiency. At low load currents, the converter enters Power Save mode to maintain high
efficiency over a wide load current range. The Power Save mode can be disabled, forcing the converter to
operate at a fixed switching frequency. The maximum average current in the switches is limited to a typical value
of 2.25A. The output voltage is programmable using an external resistor divider, or is fixed internally on the chip.
The converter can be disabled to minimize battery drain. During shutdown, the load is disconnected from the
battery. The device is packaged in a 10-pin SON PowerPAD™ package measuring 3mm × 3mm (DSC).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Buck-Boost Overlap Control, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS63060-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Descripción similar - TPS63060-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com