Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65094 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65094
Descripción Electrónicos  PMIC for Intel Apollo Lake Platform
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65094 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65094 Datasheet HTML 3Page - Texas Instruments TPS65094 Datasheet HTML 4Page - Texas Instruments TPS65094 Datasheet HTML 5Page - Texas Instruments TPS65094 Datasheet HTML 6Page - Texas Instruments TPS65094 Datasheet HTML 7Page - Texas Instruments TPS65094 Datasheet HTML 8Page - Texas Instruments TPS65094 Datasheet HTML 9Page - Texas Instruments TPS65094 Datasheet HTML 10Page - Texas Instruments TPS65094 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
7
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Pin Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions
NO.
NAME
I/O
SUPPLY, OP
VOLTAGE
LEVEL
DESCRIPTION
SMPS REGULATORS
1
FBGND2
I
Remote negative feedback sense for BUCK2 controller. Connect to
VCCGI VSS SENSE sent from the SoC to the PMIC.
2
FBVOUT2
I
Remote positive feedback sense for BUCK2 controller. Connect to
VCCGI VCC SENSE sent from the SoC to the PMIC.
3
DRVH2
O
VSYS + 5 V
High-side gate driver output for BUCK2 controller
4
SW2
I
Switch node connection for BUCK2 controller
5
BOOT2
I
VSYS + 5 V
Bootstrap pin for BUCK2 controller. Connect a 100-nF ceramic
capacitor between this pin and SW2 pin.
6
PGNDSNS2
I
Power GND connection for BUCK2. Connect to ground terminal of
external low-side FET.
7
DRVL2
O
5 V
Low-side gate driver output for BUCK2 controller
8
DRV5V_2_A1
I
5 V
5-V supply to BUCK2 gate driver and LDOA1. Bypass to ground with
a 2.2-µF (typical) ceramic capacitor. Shorted on board to LDO5P0 pin.
10
LX3
O
Switch node connection for BUCK3 converter. Connect to a 0.47-µH
(typical) inductor with less than 50-m
Ω DCR.
11
PVIN3
I
5 V
Power input to BUCK3 converter. Bypass to ground with a 10-µF
(typical) ceramic capacitor.
12
FB3
I
Remote feedback sense for BUCK3 converter. Connect to positive
terminal of output capacitor.
20
LX5
O
Switch node connection for BUCK5 converter. Connect to a 0.47-µH
(typical) inductor with less than 50-m
Ω DCR.
21
PVIN5
I
5 V
Power input to BUCK5 converter. Bypass to ground with a 10-µF
(typical) ceramic capacitor.
22
FB5
I
Remote feedback sense for BUCK5 converter. Connect to positive
terminal of output capacitor.
23
FB4
I
Remote feedback sense for BUCK4 converter. Connect to positive
terminal of output capacitor.
24
PVIN4
I
5 V
Power input to BUCK4 converter. Bypass to ground with a 10-µF
(typical) ceramic capacitor.
25
LX4
O
Switch node connection for BUCK4 converter. Connect to a 0.47-µH
(typical) inductor with less than 50-m
Ω DCR.
29
FBVOUT1
I
Remote feedback sense for BUCK1 controller. Connect to VNN VCC
SENSE sent from the SoC to the PMIC.
30
ILIM1
I
Current limit set pin for BUCK1 controller. Fit a resistor from this pin to
ground to set current limit of external low-side FET.
33
DRVH1
O
VSYS + 5 V
High-side gate driver output for BUCK1 controller
34
SW1
I
Switch node connection for BUCK1 controller
35
BOOT1
I
VSYS + 5 V
Bootstrap pin for BUCK1 controller. Connect a 100-nF ceramic
capacitor between this pin and SW1 pin.
36
PGNDSNS1
I
Power GND connection for BUCK1. Connect to ground terminal of
external low-side FET.
37
DRVL1
O
5 V
Low-side gate driver output for BUCK1 controller
38
DRV5V_1_6
I
5 V
5-V supply to BUCK1 and BUCK6 gate drivers. Bypass to ground with
a 2.2-µF (typical) ceramic capacitor. Shorted on board to LDO5P0 pin.
39
DRVL6
O
5 V
Low-side gate driver output for BUCK6 controller
40
PGNDSNS6
I
Power GND connection for BUCK6. Connect to ground terminal of
external low-side FET.
41
BOOT6
I
VSYS + 5 V
Bootstrap pin for BUCK6 controller. Connect a 100-nF ceramic
capacitor between this pin and SW6 pin.
42
SW6
I
Switch node connection for BUCK6 controller
43
DRVH6
O
VSYS + 5 V
High-side gate driver output for BUCK6 controller


Número de pieza similar - TPS65094

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65094 TI1-TPS65094 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKT TI1-TPS650940A0RSKT Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
More results

Descripción similar - TPS65094

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
[Old version datasheet]   PMIC for Intel Braswell Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
   Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com