Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS650940 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS650940
Descripción Electrónicos  PMIC for Intel Apollo Lake Platform
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650940 Datasheet(HTML) 2 Page - Texas Instruments

  TPS650940 Datasheet HTML 1Page - Texas Instruments TPS650940 Datasheet HTML 2Page - Texas Instruments TPS650940 Datasheet HTML 3Page - Texas Instruments TPS650940 Datasheet HTML 4Page - Texas Instruments TPS650940 Datasheet HTML 5Page - Texas Instruments TPS650940 Datasheet HTML 6Page - Texas Instruments TPS650940 Datasheet HTML 7Page - Texas Instruments TPS650940 Datasheet HTML 8Page - Texas Instruments TPS650940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
IRQB
Control
Outputs
REFSYS
REGISTERS
Digital Core
Thermal
monitoring
Thermal shutdown
OTP
TEST CTRL
I
2C CTRL
SLP_S0B
PCH_PWROK
RSMRSTB
PROCHOT
Internal
Interrupt
Events
<PGND_BUCK3>
BUCK3
Default: 1.05 V
3 A
VREF
BUCK1
Default: 1V
Typical
Application
Usage:
0.5 V to 1.45 V
(DVS)
5 A
VSYS
LDOA2
0.7 V to 1.5 V
600 mA
Control
Inputs
SoC
VSYS
LOAD SWB2
400 mA
PMICEN
SLP_S3B
SLP_S4B
LDOLS_EN
(a)
SWA1_EN
(b)
THERMTRIPB
VSYS
LDO5
LDO3P3
V5ANA
BUCK5V
nPUC
BOOT1
DRVH1
SW1
DRVL1
FBVOUT1
PGNDSNS1
ILIM1
BUCK2
Default: 0V
Typical
Application
Usage:
0.5 V to 1.45 V
(DVS)
21 A
VSYS
BOOT2
DRVH2
SW2
DRVL2
FBVOUT2
PGNDSNS2
ILIM2
PVIN3
LX3
FB3
BUCK5V
<PGND_BUCK4>
BUCK4
Default: 1.8 V
2 A
PVIN4
LX4
FB4
<PGND_BUCK5>
BUCK5
Default: 1.24 V
2 A
PVIN5
LX5
FB5
BUCK5V
BUCK6
Default: OTP
Dependent
7 A
VSYS
BOOT6
DRVH6
SW6
DRVL6
FBVOUT6
PGNDSNS6
ILIM6
LDO5V
VNN
VTT_LDO
½ × VDDQ
ILIM set by OTP
VDDQ
VTT
PVINVTT
VTT
VTTFB
LDOA1
1.35 V to 3.3 V
1.8 V
(b)
200 mA
V1P8A
CLK
DATA
LOAD SWB1
400 mA
LOAD SWA1
300 mA
LDOA3
0.7 V to 1.5 V
600 mA
AGND
VCCGI
VCCRAM
V1P8A
V1P24A
FBGND2
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
EN
EN
LDO5V
BUCK5V
EC
0.5 V to 3.3 V
V1P8A
GPO
Dashed connections optional.
Refer to Pin Attributes for
connection if unused.
(1) LPDDR3 and LPDDR4
(2) DDR3L
(a) LDOA1
1RW ³$OZD\V 2Q´
(b) LDOA1
³$OZD\V 2Q´
Optional
(a)
Required
(b)
V1P8A
(1)
0.5 V to 3.3 V
(2)
Copyright © 2016, Texas Instruments Incorporated
2
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1. PMIC Functional Block Diagram


Número de pieza similar - TPS650940

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKT TI1-TPS650940A0RSKT Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650940A0RSKT TI1-TPS650940A0RSKT Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
More results

Descripción similar - TPS650940

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
[Old version datasheet]   PMIC for Intel Braswell Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
   Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com