Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7210V Datasheet(PDF) 30 Page - Infineon Technologies AG

No. de pieza TDA7210V
Descripción Electrónicos  ASK/FSK Single Conversion Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7210V Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TDA7210V_10 Datasheet HTML 26Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 27Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 28Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 29Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 30Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 31Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 32Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 33Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
TDA7210V
Electrical Characteristics
Data Sheet
30
Revision 1.1, 2010-06-18
Attention: Test ■ means that the parameter is not subject to production test.
It was verified by design/characterization.
Receiver Input Level
ASK,fRF=434 MHz
RFin
-116
-13
dBm @ source imp. 50 Ω, BER
2E-3, average power level,
Manchester enc. datarate
1 kBit, 280 kHz IF Bandwidth
2.5
Receiver Input Level FSK,
frequ. dev. ± 50 kHz
fRF=434 MHz
RFin
-113
-13
dBm
2.6
Receiver Input Level ASK,
fRF=868 MHz
RFin
-112
-13
@ source impedance 50 Ω,
BER 2E-3, average power
level, Manchester encoded
datarate 1 kBit, 280 kHz IF
Bandwidth
2.7
Receiver Input Level FSK,
frequ. dev. ± 50kHz
fRF=868 MHz
RFin
-112
-13
2.8
LNI Input Frequency
fRF
400/
810
–440/
870
MHz
2.9
M/X Input Frequency
fMI
400/
810
–440/
870
MHz
2.10
3 dB IF Frequency Range
ASK
fIF -3dB
5–
23
MHz
2.11
3 dB IF Frequency Range
FSK
fIF -3dB
10.4
11
MHz
2.12
Power Mode Standby
Standby
0
0.8
V
2.13
Power Mode On
ON
2.8
VCC
V2.14
Gain Control Voltage,
LNA high gain state
VTHRES
2.8
VCC-1 V
2.15
Gain Control Voltage,
LNA low gain state
VTHRES
0
0.7
V
2.16
Table 9
Operating Range, Ambient temperature TAMB= -40°C ... + 85°C (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Test Num
ber
Min.
Typ. Max.


Número de pieza similar - TDA7210V_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA7210V INFINEON-TDA7210V Datasheet
299Kb / 2P
   ASK/FSK Receiver for the 434 and 868MHz frequency bands in a tiny VQFN package
More results

Descripción similar - TDA7210V_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com