Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65111RGE Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS65111RGE
Descripción Electrónicos  LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65111RGE Datasheet(HTML) 1 Page - Texas Instruments

  TPS65111RGE Datasheet HTML 1Page - Texas Instruments TPS65111RGE Datasheet HTML 2Page - Texas Instruments TPS65111RGE Datasheet HTML 3Page - Texas Instruments TPS65111RGE Datasheet HTML 4Page - Texas Instruments TPS65111RGE Datasheet HTML 5Page - Texas Instruments TPS65111RGE Datasheet HTML 6Page - Texas Instruments TPS65111RGE Datasheet HTML 7Page - Texas Instruments TPS65111RGE Datasheet HTML 8Page - Texas Instruments TPS65111RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPS65110
TPS65111
SLVS495 − SEPTEMBER 2003
LTPSLCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
FEATURES
D Complete LTPS-LCD Bias Solution
D Triple Output Charge Pump Providing
VCC at 16 mA, VDD at 2 mA, VSS at 1 mA
D 2.4 V to 5.5 V Input Voltage Range
D Fixed Output Voltages of 3.3 V, 7.5 V, −2.7 V
or 5.0 V, 9.0 V, −3.0 V
D 50 µA Typical Quiescent Current
D Less Than 1 µA Shutdown Current
D Ultra-Low Ripple (VCC = 5 mV,
Typical at 5 mA)
D Autonomous Boost for VCC Supply
D 1.5% Accuracy on Fixed VCC Output Voltage
D Sequential Power Control
D 24-Pin QFN Package (4 x 4)
APPLICATIONS
D Small Form LTPS−LCD Displays
D PDAs, Pocket PCs
D Smart Phones
0.1
µF
VIN
CSP CSN
VSS
0.22
µF
CCP1
CCN1
CDP1
CDN1
0.1
µF
4.7
µF
2.2
µF
0.22
µF
CCP2
CCN2
CDP2
CDN2
0.1
µF
0.22
µF
CCP3
CCN3
CDP3
CDN3
0.1
µF
VCC
VDD
2.2
µF1 µF
TPS65111
VIN
2.4 V to 5.5 V
VCC
5 V, 16 mA
VSS
−3 V, 1 mA
VDD
9 V, 2 mA
APPLICATION CIRCUIT FOR TPS65111
DESCRIPTION
The TPS65110/11 is a very compact power supply
solution providing the three voltages required by many
LTPS LCD displays.
All three regulated outputs are generated using a charge
pump topology.
The VCC charge pump provides precise, high efficiency,
and very low ripple dc/dc conversion for the LCD analog
power. The VCC boost ratio (x1.0, x1.33, x1.5, and x2.0)
is automatically set based on input and output voltage
conditions. The VCC output assures 16 mA of current by
using three 0.22-
µF flying capacitors. If the required output
current is smaller, smaller capacitors can be applied.
The VDD charge pump provides a higher positive voltage,
and the VSS charge pump provides the negative output
voltage. Power up/down sequences are internally set and
are secured even in cases of sudden and abnormal VIN
drop.
One of the most significant features of the TPS65110/11
is the ultra-low output voltage ripple, as the VCC charge
pump achieves 5-mV output ripple voltage.
AVAILABLE OUTPUT VOLTAGE OPTIONS
PART NUMBER
VCC
VDD
VSS
VDD BOOST
TPS65110RGE
3.3 V
7.5 V
−2.7 V
X3
TPS65111RGE
5.0 V
9.0 V
−3.0 V
X2
(1) The RGE package is available in tape and reel.
Add R suffix (RGER) to order quantities of 3000 parts.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Not Recommended for New Designs


Número de pieza similar - TPS65111RGE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65111RGE TI-TPS65111RGE Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
More results

Descripción similar - TPS65111RGE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
logo
Monolithic Power System...
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com