Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65137ASDSCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65137ASDSCR
Descripción Electrónicos  250mA Dual Outputs AMOLED Display Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65137ASDSCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65137ASDSCR Datasheet HTML 2Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 3Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 4Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 5Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 6Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 7Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 8Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 9Page - Texas Instruments TPS65137ASDSCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
500 ns/div
SW
BOOST
5 V/div
SW
BUCKBOOST
5 V/div
V
POS
50 mV/div
V
NEG
50 mV/div
500 ns/div
SW
BOOST
5 V/div
SW
BUCKBOOST
5 V/div
V
POS
50 mV/div
V
NEG
50 mV/div
2 ms/div
V
NEG
5 V/div
V
POS
5 V/div
I
IN
200 mA/div
CTRL
5 V/div
0
10
20
30
40
50
60
70
80
90
100
0.00
0.05
0.10
0.15
0.20
0.25
Output current - A
VIN = 4.5V
VIN = 3.7V
VIN = 3.3V
VIN = 2.9V
VIN = 2.5V
Inductor
TOKO DFE252012C 4.72H
TPS65137AS
SLVSB21B – AUGUST 2011 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Efficiency versus Output current (Output current is
VPOS = 4.6 V, VNEG = –4.9 V
Figure 1
from VPOS to VNEG)
Startup
Figure 2
IOUT = 100 mA, Boost and BuckBoost
Figure 3
IOUT = 250 mA, Boost and BuckBoost
Figure 4
Switch pins and output waveforms (Output current is
from VPOS to VNEG)
IOUT = 250 mA, Boost
Figure 5
IOUT = 250 mA, BuckBoost
Figure 6
EFFICIENCY
vs
OUTPUT CURRENT (VPOS 4.6V, VNEG -4.9V)
STARTUP
Figure 1.
Figure 2.
SWITCH PINS AND OUTPUTS BOOST AND BUCKBOOST,
SWITCH PINS AND OUTPUTS BOOST AND BUCKBOOST,
IOUT 100mA
IOUT 250mA
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS65137AS


Número de pieza similar - TPS65137ASDSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
More results

Descripción similar - TPS65137ASDSCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
   Dual DC-DC converter for powering AMOLED display
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com