Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65132T6YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65132T6YFFR
Descripción Electrónicos  Single Inductor - Dual Output Power Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65132T6YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65132T6YFFR Datasheet HTML 2Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 3Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 4Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 5Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 6Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 7Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 8Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 9Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
TPS65132
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
Ax, Bx, Lx
Sx
AGND
D2
D2
Analog ground
CFLY1
C3
C3
I/O
Negative charge pump flying capacitor pin
CFLY2
A3
A3
I/O
Negative charge pump flying capacitor pin
EN
B1
Enable pin (sequence programmed)
ENN
A1
I
Enable pin for VNEG rail
ENP
B1
B1
I
Enable pin for VPOS rail
OUTP
E3
E3
O
Output pin of the LDO (VPOS)
OUTN
A2
A2
O
Output pin of the negative charge pump (VNEG)
B3
B3
PGND
Power ground
E1
E1
D3
D3
REG
I/O
Boost converter output pin
E2
E2
SCL
B2
B2
I/O
I²C interface clock signal pin
SDA
C2
C2
I/O
I²C interface data signal pin
SW
D1
D1
I/O
Switch pin of the boost converter
SYNC
A1
I
Synchronization pin. 150 mA current enabled if this pin is pulled HIGH.
VIN
C1
C1
I
Input voltage supply pin
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65132


Número de pieza similar - TPS65132T6YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65132T6YFFR TI1-TPS65132T6YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Descripción similar - TPS65132T6YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65132_016 TI1-TPS65132_016 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI-TPS65132_15 Datasheet
2Mb / 64P
[Old version datasheet]   TPS65132 Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com