Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65138 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65138
Descripción Electrónicos  Dual output AMOLED Display Power Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65138 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65138 Datasheet HTML 1Page - Texas Instruments TPS65138 Datasheet HTML 2Page - Texas Instruments TPS65138 Datasheet HTML 3Page - Texas Instruments TPS65138 Datasheet HTML 4Page - Texas Instruments TPS65138 Datasheet HTML 5Page - Texas Instruments TPS65138 Datasheet HTML 6Page - Texas Instruments TPS65138 Datasheet HTML 7Page - Texas Instruments TPS65138 Datasheet HTML 8Page - Texas Instruments TPS65138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS65138
TPS65138A
SLVSAV3C – APRIL 2011 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
VNEG PROGRAMMING
ORDERABLE PART
TA
PACKAGE(2)
TOP-SIDE MARKING
RANGE
NUMBER
-2.2V ~ -6.2V
10-Pin 3x3 QFN
TPS65138DRCR
PUCC
-40°C to +85°
-2.2V ~ -5.2V
TPS65138ADRCR
PXJI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
PVIN, SWP, OUTP, CTRL, VL
5.5
OUTN
–6.5
Voltage range(2)
V
SWN
–6.5
4.8
CT
3.6
HBM
±2
kV
ESD rating
MM
±200
V
CDM
±500
V
Operating junction temperature range, TJ
–40
50
°C
Operating ambient temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND pin
THERMAL INFORMATION
(1)
DRC
THERMAL METRIC
UNITS
10-PINS
θJA
Junction-to-ambient thermal resistance
54.7
θJB
Junction-to-board thermal resistance
16.9
°C/W
ψJT
Junction-to-top characterization parameter
4.2
ψJB
Junction-to-board characterization parameter
19.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS65138 TPS65138A


Número de pieza similar - TPS65138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65138 TI1-TPS65138 Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
TPS65138DRCR TI1-TPS65138DRCR Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
More results

Descripción similar - TPS65138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com