Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65283-1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65283-1
Descripción Electrónicos  4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65283-1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65283-1 Datasheet HTML 1Page - Texas Instruments TPS65283-1 Datasheet HTML 2Page - Texas Instruments TPS65283-1 Datasheet HTML 3Page - Texas Instruments TPS65283-1 Datasheet HTML 4Page - Texas Instruments TPS65283-1 Datasheet HTML 5Page - Texas Instruments TPS65283-1 Datasheet HTML 6Page - Texas Instruments TPS65283-1 Datasheet HTML 7Page - Texas Instruments TPS65283-1 Datasheet HTML 8Page - Texas Instruments TPS65283-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
BST2
LX2
PGND2
VIN2
SW_IN
SW_OUT
FB2
COMP2
COMP1
FB1
BST1
LX1
PGND1
VIN1
V7V
PGOOD1
nFAULT
SW_EN
EN2
EN1
PGOOD2
VIN
PGOOD2
nFAULT
19
20
21
22
23
24
6
18
13
14
12
11
10
9
8
7
Vout1
Vout2
VIN
DVCC
TPS65283
TPS65283-1
PGOOD1
Vswout
5
1
2
3
17
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.002
0.02
0.2
2
Loading (A)
Buck2 at 5 V
Buck1 at 1.2 V
C001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65283, TPS65283-1
SLVSCL3C – JUNE 2014 – REVISED AUGUST 2014
TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual
Buck Converter With Power Distribution Switch
1 Features
2 Applications
1
Buck Converter
USB Ports and Hubs
Set Top Box
Wide Input Voltage Range 4.5 to 18 V
Digital TV
Integrated Dual Buck Converter, Maximum
Continuous Current 3.5 A (Buck1) / 2.5 A
DSL/Cable Modem, Wireless Router
(Buck2)
Home Gateway and Access Point Networks
Feedback Reference Voltage 0.6 V ±1%
Car Infotainment
Adjustable Switching Frequency 200 kHz to
2 MHz
3 Description
Internal Built Soft Start Time 2.4 ms
The TPS65283, TPS65283-1 in thermally-enhanced
4-mm × 4-mm VQFN package is a full featured
External Clock Synchronization
4.5-
to
18-V
Vin,
3.5-A/2.5-A
output
current
Cycle-by-Cycle Current Limit
synchronous step down DC-DC converter, which is
Power Good Indicator for Each Buck
optimized for small designs through high efficiency
and integrating the high-side and low-side MOSFETs.
Continuous Current Mode (TPS65283) or
The
device
also
incorporates
one
N-channel
Pulse Skipping Mode (PSM) (TPS65283-1) at
MOSFET power switches for power distribution
Light Load
systems.
This
device
provides
a
total
power
Power Distribution Switch
distribution solution, where precision current limiting
and fast protection response are required.
Integrated a Power Distribution Switch With
On-Resistance 60 m
Device Information(1)
Operating Input Voltage Range 2.4 to 6 V
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Adjustable Current Limiting from 100 mA to
TPS65283
2.7 A
VQFN (24)
4.00 mm × 4.00 mm
TPS65283-1
Current-Limit Accuracy ±10% at 1.25 A
(1) For all available packages, see the orderable addendum at
(Typical)
the end of the data sheet.
Auto Recovery Overcurrent Protection
Reverse Input to Output Voltage Protection
Overtemperature Protection
24-Lead VQFN (RGE) 4-mm × 4-mm Package
4 Typical Schematic
Efficiency, Vin = 12 V, PSM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS65283-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
More results

Descripción similar - TPS65283-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276V TI-TPS65276V_15 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com