Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65720 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65720
Descripción Electrónicos  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65720 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65720 Datasheet HTML 3Page - Texas Instruments TPS65720 Datasheet HTML 4Page - Texas Instruments TPS65720 Datasheet HTML 5Page - Texas Instruments TPS65720 Datasheet HTML 6Page - Texas Instruments TPS65720 Datasheet HTML 7Page - Texas Instruments TPS65720 Datasheet HTML 8Page - Texas Instruments TPS65720 Datasheet HTML 9Page - Texas Instruments TPS65720 Datasheet HTML 10Page - Texas Instruments TPS65720 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
www.ti.com
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
All pins except A/PGND, AC, GPIOx pins with respect to AGND
–0.3
7
V
Input voltage
GPIOx pins with respect to AGND
–0.3
VSYS
V
AC pin with respect to AGND
–0.3
28
V
Voltage range on pin VLDO1, FB_LDO1, TS_OUT, TS with respect to AGND
–0.3
3.6
V
AC, BAT, SYS, L1, VLDO1, VINLDO1, PGND
600
mA
Current
GPIOx, AGND
20
mA
All other pins
3
mA
Continuous total power dissipation
See Dissipation Ratings
Operating free-air temperature, TA
–40
85
°C
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VAC
Input voltage at AC pin
4.35
28
V
VSYS
Voltage at SYS pin
2.2
5.6
V
IINUSB
Input current at AC
500
mA
IOUTSYS
Output current at SYS
400
mA
IBAT
Average current into and out of BAT pin
300
mA
VINDCDC1
Input voltage for step-down converter DCDC1
2.3
5.6
V
VDCDC1
Output voltage for DCDC1 step-down converter; externally adjustable
0.6
VINDCDC1
V
IOUTDCDC1
Output current at L
400
mA
L
Inductor at L(1)
2.2
3.3
4.7
μH
VINLDO1
Input voltage for LDO1
1.8
VSYS
V
VLDO1
Output voltage for LDO1
0.8
3.3
V
ILDO1
Output current at LDO1
200
mA
CINAC
Input capacitor at AC(1)
0.1
1
μF
CBAT
Capacitor at BAT(1)
0.1
4.7
μF
CSYS
Capacitor at SYS(1)
4.7
10
μF
Input capacitor at VINDCDC1
(1); if connected to SYS, only one 4.7-μF capacitor
CINDCDC1
4.7
μF
required for SYS and CINDCDC1
COUTDCDC1
Output capacitor at VDCDC1
(1)
4.7
10
22
μF
CINLDO1
Input capacitor at VINLDO1(1)
2.2
μF
COUTLDO1
Output capacitor at LDO1(1)
2.2
μF
(1)
See Application and Implementation for more details.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Número de pieza similar - TPS65720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Descripción similar - TPS65720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com