Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS657202 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS657202
Descripción Electrónicos  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657202 Datasheet(HTML) 1 Page - Texas Instruments

  TPS657202 Datasheet HTML 1Page - Texas Instruments TPS657202 Datasheet HTML 2Page - Texas Instruments TPS657202 Datasheet HTML 3Page - Texas Instruments TPS657202 Datasheet HTML 4Page - Texas Instruments TPS657202 Datasheet HTML 5Page - Texas Instruments TPS657202 Datasheet HTML 6Page - Texas Instruments TPS657202 Datasheet HTML 7Page - Texas Instruments TPS657202 Datasheet HTML 8Page - Texas Instruments TPS657202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
SYS
BAT
4.7 µF / 6.3 V
TS
NTC
ISET
1 µF
LiIon
SYS
PB_IN
VLDO1
RESET
SCLK
SDAT
LDO1
200 mA
BAT
INT
Charger and
Power Path
ON
or
OFF
FB_DCDC1
2.2 µH
L1
DCDC1
200 mA
TPS65720
SYS
VINLDO1
VDCDC1 = 2.05 V
VLDO1 = 1.85 V
GPIO1
GPIO2
GPIO0
GPIO3
GPIO or
5-mA
Current
Sink
I C
Interface
2
Reset Generator
and Startup Logic
PGND
AGND
HOLD_LDO1
HOLD_DCDC1
AC
2.2 µF
R1
R2
150 k
R6
R5
10 k
360 k
Bluetooth
Chip
Vin
Reset
INT
GPIO
SCLK
SDAT
Indication
LEDs
2 × 100 k
22pF
4.7 µF
4.7 µF / 4 V
2 ×
3.3 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65720, TPS657201, TPS657202, TPS65721
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
TPS6572x Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
The device allows the use of small inductors and
1 Features
capacitors to achieve a small solution size. The
1
Battery Charger With Power Path Management
TPS65720 provides an output current of up to
28-V Rated Power Path With:
200 mA on the DC-DC converter while TPS657201,
TPS657202, and TPS65721 provide up to 400 mA.
100-mA Input Current Limit
The TPS6572x also integrates one 200-mA LDO. The
500-mA Input Current Limit
LDO operates with an input voltage range from 1.8 V
300-mA Charge Current
to 5.6 V, thus allowing it to be supplied from the
200-mA Step-Down Converter for TPS65720
output of the step-down converter or directly from the
system voltage.
400-mA Step-Down Converter for TPS65721,
TPS657201, TPS657202
The TPS65720, TPS657201, and TPS657202 come
in a small 25-ball 2-mm × 2-mm wafer chip scale
Up to 92% Efficiency
package (DSBGA) with 0.4-mm ball pitch or a
VIN Range for DCDC Converter From 2.3 V to
4-mm × 4-mm WQFN package with a 0.4-mm pitch
5.6 V
(TPS65721).
2.25-MHz Fixed Frequency Operation
Power Save Mode at Light Load Current
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Output Voltage Accuracy in PWM Mode ±2%
TPS65720x
DSBGA (25)
2.11 mm × 2.11 mm
100% Duty Cycle for Lowest Dropout
TPS65721
WQFN (32)
4.00 mm × 4.00 mm
1 General Purpose 200-mA LDO
(1) For all available packages, see the orderable addendum at
VIN Range for LDO From 1.8 V to 5.6 V
the end of the data sheet.
I2C Compatible Interface
4GPIOs
Typical Application Schematic
Available in a 25-Ball DSBGA With 0.4-mm Pitch
and in 4-mm × 4-mm 32-Pin WQFN Package
2 Applications
Bluetooth Headsets
Handheld Equipment
Wearables, Smart Watches
Portable Accessories
3 Description
The TPS6572x device is a small power management
unit targeted for Bluetooth headsets or other portable
low-power consumer-end equipments. The device
contains an USB friendly Lithium-Ion battery charger,
a highly efficient step-down converter, a low-dropout
linear regulator, and additional supporting functions.
The device is controlled by an I2C interface. Several
settings can be customized by the use of nonvolatile
memory which is factory programmed.
The 2.25-MHz step-down converter enters a low-
power mode at light load for maximum efficiency
across the widest possible range of load currents. For
low-noise applications the devices can be forced into
fixed-frequency PWM mode using the I2C-compatible
interface.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS657202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Descripción similar - TPS657202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com