Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65720YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65720YFFR
Descripción Electrónicos  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65720YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65720YFFR Datasheet HTML 7Page - Texas Instruments TPS65720YFFR Datasheet HTML 8Page - Texas Instruments TPS65720YFFR Datasheet HTML 9Page - Texas Instruments TPS65720YFFR Datasheet HTML 10Page - Texas Instruments TPS65720YFFR Datasheet HTML 11Page - Texas Instruments TPS65720YFFR Datasheet HTML 12Page - Texas Instruments TPS65720YFFR Datasheet HTML 13Page - Texas Instruments TPS65720YFFR Datasheet HTML 14Page - Texas Instruments TPS65720YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
www.ti.com
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
VSYS = 3.6 V, VDCDC1 = 2.05 V, PFM mode, L = 3.3 μH, COUTDCDC1 = 4.7 μF, VINLDO1 = 2.05 V, VLDO1 = 1.85 V, TA = –40°C to
85°C typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER PATH
VUVLO
Undervoltage lockout
VAC: 0 V → 4 V
3.2
3.3
3.45
V
VHYS-UVLO
Hysteresis on UVLO
VAC: 4 V → 0 V
200
300
mV
(Input power detected if VIN > VBAT + VIN-DT) VBAT = 3.6 V,
VIN-DT
Input power detection threshold
40
80
140
mV
VIN: 3.5 V → 4 V
VHYS-INDT
Hysteresis on VIN-DT
VBAT = 3.6 V, VIN: 4 V → 3.5 V
20
mV
Input overvoltage protection
VOVP
VAC: 5 V → 7 V
6.4
6.6
6.8
V
threshold
VHYS-OVP
Hysteresis on OVP
VAC: 11 V → 5 V
105
mV
ISYS = 0.3 A, VAC = 4.35 V, VBAT = 4.2 V; YFF package
170
285
mV
AC pin to SYS pin dropout voltage
VDO(AC-SYS)
VAC – VSYS
ISYS = 0.3 A, VAC = 4.35 V, VBAT = 4.2 V; RSN package
210
325
mV
ISYS = 0.2 A, VAC = 0 V, VBAT > 3 V; YFF package
80
mV
Battery to SYS pin dropout voltage
VDO(BAT-SYS)
VBAT – VSYS
ISYS = 0.2 A, VAC = 0 V, VBAT > 3 V; RSN package
120
mV
00: VAC > VSYS + VDO(AC-SYS), VBAT < 3.3V
–5%
3.4
5%
VBAT +
00: VAC > VSYS + VDO(AC-SYS), VBAT ≥ 3.3 V
–5%
5%
SYS pin voltage regulation
200 mV
selectable register
VSYS(REG)
V
<CHGCONFIG0> Bits <VSYS1>;
01: VAC > VSYS + VDO(AC-SYS)
–5%
4.4
5%
<VSYS0>
10: VAC > VSYS + VDO(AC-SYS)
–5%
5.0
5%
11: VAC > VSYS + VDO(AC-SYS)
–5%
5.5
5%
Bit <AC input current1, AC input current0> = 00
90
95
100
Maximum Input Current Register
IAC-MAX
mA
<CHCONFIG0>
Bit < AC input current1, AC input current0> = 01 or 10
450
475
500
Input voltage threshold when input
Input current is reduced if voltage at AC falls below VAC-LOW to
VAC-LOW
4.35
4.5
4.65
V
current is reduced
keep the AC voltage above 4.5 V
Output voltage threshold when
VO(REG)
Bit <V_DPPM> = 1
charging current is reduced
100 mV
VDPM
V
Register <CHCONFIG2>
Bit <V_DPPM> = 0
4.3
VOUT
VBSUP1
Enter battery supplement mode
VBAT
V
40 mV
VOUT
VBSUP2
Exit battery supplement mode
VBAT
V
20 mV
Output short-circuit detection
VO(SC1)
0.8
0.9
1
V
threshold, power-on
Output short-circuit detection
threshold, supplement mode
VO(SC2)
200
250
300
mV
VBAT – VOUT > VO(SC2) indicates
short-circuit
BATTERY CHARGER
QUIESCENT CURRENT
VIN = 5 V; ACinputcurrent[1,0] = 11
60
80
μA
IIACSTDBY)
Standby current into AC pin
VIN = 28 V; ACinputcurrent[1,0] = 11
530
μA
VIN = 5 V, no load on DCDC1, LDO1, SYS pin, VSYS[1,0] = 11;
ICC
Active supply current, AC pin
2
mA
ACinputcurrent[1,0] = 10; CH_EN = 0
Source current for BAT pin short-
IBAT(SC)
4
7.5
11
mA
circuit detection
BAT pin short-circuit detection
VBAT(SC)
1.6
1.8
2.0
V
threshold
–1%
4.15
1%
–1%
4.175
1%
–1%
4.20
1%
–1%
4.225
1%
Depending on setting in CHGCONFIG3 And internal EEPROM
Vo(BATREG)
Battery charger voltage
V
Default = 4.2 V
–1%
4.25
1%
–1%
4.275
1%
–1%
4.30
1%
–1%
4.325
1%
Precharge to fast-charge transition
VLOWV
2.9
3.0
3.1
V
threshold
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Número de pieza similar - TPS65720YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Descripción similar - TPS65720YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com