Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS562200 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS562200
Descripción Electrónicos  4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562200 Datasheet(HTML) 3 Page - Texas Instruments

  TPS562200_16 Datasheet HTML 1Page - Texas Instruments TPS562200_16 Datasheet HTML 2Page - Texas Instruments TPS562200_16 Datasheet HTML 3Page - Texas Instruments TPS562200_16 Datasheet HTML 4Page - Texas Instruments TPS562200_16 Datasheet HTML 5Page - Texas Instruments TPS562200_16 Datasheet HTML 6Page - Texas Instruments TPS562200_16 Datasheet HTML 7Page - Texas Instruments TPS562200_16 Datasheet HTML 8Page - Texas Instruments TPS562200_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
TPS562200, TPS563200
www.ti.com
SLVSCB0D – JANUARY 2014 – REVISED JUNE 2016
Product Folder Links: TPS562200 TPS563200
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Added a NOTE to the Application and Implementation section ........................................................................................... 14
Changed column heading C8 + C9 (µF) To: C5 + C6 (µF) in Table 2................................................................................. 16
Changed column heading C8 + C9 (µF) To: C5 + C6 + C7 (µF) in Table 2 ........................................................................ 20
Changes from Revision A (January 2014) to Revision B
Page
Added Feature Description section, Device Functional Modes, Application and Implementation section, Power
Supply Recommendations section, Device and Documentation Support section, and Mechanical, Packaging, and
Orderable Information section ............................................................................................................................................... 1
Changed the data sheet title From: 4.5 V to 17 V Input, 2A Synchronous Step-Down.. To: 4.5 V to 17 V Input,
2A/3A Synchronous Step-Down.. ........................................................................................................................................... 1
Changed device number From: TPS563209 To TPS563200 ................................................................................................ 1
Changed Features From: 2% Feedback Voltage Accuracy (25°C) To: 1% Feedback Voltage Accuracy (25°C).................. 1
Added the Timing Requirements table .................................................................................................................................. 6
Added Table 1 ..................................................................................................................................................................... 14
Changed Table 2 ................................................................................................................................................................. 16
Deleted sentence following Table 2 "For higher output voltages, additional phase boost can be achieved by adding
a feed forward capacitor (C7) in parallel with R2." ............................................................................................................... 16
Added Application Information for the TPS563200 device .................................................................................................. 20
Added Table 3 ..................................................................................................................................................................... 20
Changes from Original (January 2014) to Revision A
Page
Changed the device status From: Product Preview To: Production....................................................................................... 1


Número de pieza similar - TPS562200_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Descripción similar - TPS562200_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com