Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS562210DDFR Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. TPS562210DDFR
Descripción  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Descarga  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS562210DDFR Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
TJ = -40°C to 150°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
19
V
VBST
–0.3
25
V
VBST (10 ns transient)
–0.3
27.5
V
VBST (vs SW)
–0.3
6.5
V
Input voltage range
VFB, PG
–0.3
6.5
V
SS
–0.3
5.5
V
SW
–2
19
V
SW (10 ns transient)
–3.5
21
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
TJ = –40°C to 150°C (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VBST
–0.1
23
V
VBST (10 ns transient)
–0.1
26
V
VBST(vs SW)
–0.1
6
V
EN
–0.1
17
V
VI
Input voltage range
VFB, pg
–0.1
5.5
V
SS
–0.1
5
V
SW
–1.8
17
V
SW (10 ns transient)
–3.5
20
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPS562210
TPS563210
THERMAL METRIC(1)
UNIT
DDF (8 PINS)
RθJA
Junction-to-ambient thermal resistance
106.1
87.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
41.6
°C/W
RθJB
Junction-to-board thermal resistance
10.9
14.6
°C/W
ψJT
Junction-to-top characterization parameter
8.6
4.7
°C/W
ψJB
Junction-to-board characterization parameter
10.8
14.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn