Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT102 Datasheet(PDF) 1 Page - Catalyst Semiconductor

No. de pieza CAT102
Descripción Electrónicos  Precision, Adjustable Shunt Regulator (600mV Reference)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT102 Datasheet HTML 1Page - Catalyst Semiconductor CAT102 Datasheet HTML 2Page - Catalyst Semiconductor CAT102 Datasheet HTML 3Page - Catalyst Semiconductor CAT102 Datasheet HTML 4Page - Catalyst Semiconductor CAT102 Datasheet HTML 5Page - Catalyst Semiconductor CAT102 Datasheet HTML 6Page - Catalyst Semiconductor CAT102 Datasheet HTML 7Page - Catalyst Semiconductor CAT102 Datasheet HTML 8Page - Catalyst Semiconductor CAT102 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FEATURES
s Low voltage reference: 600mV
s Low temperature coefficient reference: 25ppm
s Accurate 600mV reference voltage:
+6mV at T
J=25°C
s High PSRR: 45dB at 300kHz
s High line rejection: +1mV (V
CC from 2.2V to 18V)
DESCRIPTION
The CAT102 is a low-voltage reference and amplifier.
Designed for the control loop of low-voltage power
supplies, the reference voltage has been designed for
600mV. Over a junction temperature from -40
°C to
105
°C the reference voltage is within 8mV of the nominal
600mV. In addition, the error amplifier output and the
supply voltage pin are on separate pins.
CAT102
Precision, Adjustable Shunt Regulator (600mV Reference)
- +1% Initial Accuracy
- SOT23 Package
s Low supply current: 300
µA
s Open collector output
s Directly drives optocouplers
s Compact 5-lead SOT23 package
s Industrial temperature range: -40
°°°°°C to 85°°°°°C
© 2003 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 4007, Rev. L
APPLICATIONS
s SMPS control loop
s Low temperature coefficient voltage reference
s Power management
s Replaces zener diodes
Power supply rejection is a high 45dB at 300kHz. The
output, OUT, can sink 20mA at a maximum saturation
voltage of 250mV.
When combined with an optocoupler, the CAT102 can
be used as an error amplifier that controls the feedback
loop in isolated low-output voltage switching power
supplies.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
s Isolated DC-to-DC converters
s Network, telecom and cellular base station
power supplies
s Adjustable voltage reference
+
+
OUT
FB
IN
VREF
600mV
Error
Amplifier
GND
3
5
2
1
SOT23-5
TOP VIEW
IN
OUT
2
3
1
NC
5
4
FB
GND


Número de pieza similar - CAT102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

Descripción similar - CAT102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com