Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS563210EVM-652 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS563210EVM-652
Descripción Electrónicos  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210EVM-652 Datasheet(HTML) 1 Page - Texas Instruments

  TPS563210EVM-652 Datasheet HTML 1Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 2Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 3Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 4Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 5Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 6Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 7Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 8Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
Vout = 5V
Vout = 3.3V
Vout = 1.8V
C015
VOUT
TPS562210
TPS563210
VOUT
VIN
EN
VIN
VBST
SW
GND
EN
VFB
1
2
3
7
5
6
PG
4
SS
8
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator
In 8-Pin SOT-23
1 Features
3 Description
The TPS562210 and TPS563210 are simple, easy-to-
1
TPS562210: 2-A Converter With Integrated
use, 2 A, 3 A synchronous step-down converters in 8
133-m
Ω and 80-mΩ FETs
pin SOT-23 package.
TPS563210: 3-A Converter With Integrated
The devices are optimized to operate with minimum
68-m
Ω and 39-mΩ FETs
external component counts and also optimized to
D-CAP2™ Mode Control for Fast Transient
achieve low standby current.
Response
These switch mode power supply (SMPS) devices
Advanced Eco-mode™ Pulse-skip
employ D-CAP2™ mode control providing a fast
Input Voltage Range: 4.5 V to 17 V
transient
response
and
supporting
both
low
Output Voltage Range: 0.76 V to 7 V
equivalent series resistance (ESR) output capacitors
such as specialty polymer and ultra-low ESR ceramic
650-kHz Switching Frequency
capacitors
with
no
external
compensation
Low Shutdown Current Less than 10 µA
components.
1% Feedback Voltage Accuracy (25°C)
The devices operate in Advanced Eco-mode™, which
Startup from Pre-Biased Output Voltage
maintains high efficiency during light load operation.
Cycle By Cycle Over-current Limit
The TPS562210 and TPS563210 are available in a 8-
pin 1.6 × 2.9 (mm) SOT (DDF) package, and
Hiccup-mode Under Voltage Protection
specified from –40°C to 85°C of ambient temperature.
Non-latch OVP, UVLO and TSD Protections
Adjustable Soft Start
Device Information(1)
Power Good Output
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
TPS562210DDFT
2 Applications
TPS562210DDFR
DDF(8)
1.60 mm × 2.90 mm
Digital TV Power Supply
TPS563210DDFT
High Definition Blu-ray Disc™ Players
TPS563210DDFR
Networking Home Terminal
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Digital Set Top Box (STB)
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS563210EVM-652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS563210A TI1-TPS563210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFR TI1-TPS563210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFT TI1-TPS563210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Descripción similar - TPS563210EVM-652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com