Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS650243-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS650243-Q1
Descripción Electrónicos  POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650243-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650243-Q1 Datasheet HTML 4Page - Texas Instruments TPS650243-Q1 Datasheet HTML 5Page - Texas Instruments TPS650243-Q1 Datasheet HTML 6Page - Texas Instruments TPS650243-Q1 Datasheet HTML 7Page - Texas Instruments TPS650243-Q1 Datasheet HTML 8Page - Texas Instruments TPS650243-Q1 Datasheet HTML 9Page - Texas Instruments TPS650243-Q1 Datasheet HTML 10Page - Texas Instruments TPS650243-Q1 Datasheet HTML 11Page - Texas Instruments TPS650243-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS650241-Q1, TPS650243-Q1, TPS650244-Q1
SLVS994A
– SEPTEMBER 2009 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDO1 and VLDO2 Low Dropout Regulators
I(q)
Operating quiescent current
Current per LDO into VINLDO
16
30
μA
I(SD)
Shutdown current
Total current into VINLDO, VLDO = 0 V
0.6
2
μA
VINLDO
Input voltage range for LDO1, LDO2
1.5
6.5
V
VFB
LDO1 and LDO2 feedback voltage
See (1)
1.0
V
IO
Maximum output current for LDO1, LDO2
Vin = 1.8 V, Vo = 1.3 V
200
mA
IO
Maximum output current for LDO1, LDO2
Vin = 1.5 V; Vo = 1.3 V
120
mA
ISC
LDO1
& LDO2 short circuit current limit
VLDO1 = GND, VLDO2 = GND
400
mA
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.8 V
120
mV
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.5 V
65
150
mV
Minimum voltage drop at LDO1, LDO2
IO = 200 mA, VINLDO = 1.8 V
300
mV
Output voltage accuracy for LDO1, LDO2
IO = 10 mA
–2%
1%
Line regulation for LDO1, LDO2
VINLDO1,2 = VLDO1,2 + 0.5 V (min 2.5 V) to 6.5 V,
–1%
1%
IO = 10 mA
Load regulation for LDO1, LDO2
IO = 0 mA to 200 mA
–1%
1%
Regulation time for LDO1, LDO2
Load change from 10% to 90%
10
μs
Vdd_alive Low Dropout Regulator
Vdd_alive
Vdd_alive LDO output voltage
IO = 0 mA
1.2
V
IO
Output current for Vdd_alive
30
mA
ISC
Vdd_alive short circuit current limit
Vdd_alive = GND
100
mA
Output voltage accuracy for Vdd_alive
IO = 0mA
–1%
1 %
Line regulation for Vdd_alive
VCC = Vdd_alive + 0.5 V to 6.5 V, IO = 0 mA
–1%
1 %
Regulation time for Vdd_alive
Load change from 10% to 90%
10
μs
AnaLogic Signals DEFDCDC1, DEFDCDC2, DEFDCDC3
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.1
V
IH
Input bias current
0.001
0.05
μA
THERMAL SHUTDOWN
TSD
Thermal shutdown
Increasing junction temperature
160
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
INTERNAL UNDER VOLTAGE LOCK OUT
UVLO
Internal UVLO
VCC falling
–3%
2.35
3%
V
VUVLO_HYST
Internal UVLO comparator hysteresis
120
mV
VOLTAGE DETECTOR COMPARATOR
PWRFAIL_SNS
Comparator threshold
Falling threshold
–2%
1.0
2%
V
Hysteresis
40
50
60
mV
Propagation delay
25-mV overdrive
10
μs
VOL
Power fail output low voltage
IOL = 5 mA
0.3
V
(1)
If the feedback voltage is forced higher than 1.2 V, a leakage current into the feedback pin may occur.
8
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS650241-Q1 TPS650243-Q1 TPS650244-Q1


Número de pieza similar - TPS650243-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650243-Q1 TI-TPS650243-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
More results

Descripción similar - TPS650243-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com