Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65086 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65086
Descripción Electrónicos  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65086 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65086 Datasheet HTML 6Page - Texas Instruments TPS65086 Datasheet HTML 7Page - Texas Instruments TPS65086 Datasheet HTML 8Page - Texas Instruments TPS65086 Datasheet HTML 9Page - Texas Instruments TPS65086 Datasheet HTML 10Page - Texas Instruments TPS65086 Datasheet HTML 11Page - Texas Instruments TPS65086 Datasheet HTML 12Page - Texas Instruments TPS65086 Datasheet HTML 13Page - Texas Instruments TPS65086 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
TPS650860
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
www.ti.com
4.6
Electrical Characteristics: Reference and Monitoring System
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Bandgap reference Voltage
1.25
V
VREF
Accuracy
–0.5%
0.5%
CVREF
Bandgap output capacitor
0.047
0.1
0.22
µF
VSYS_UVLO_5V
VSYS UVLO threshold for LDO5
VSYS falling
5.24
5.4
5.56
V
VSYS UVLO threshold hysteresis for
VSYS rising above
VSYS_UVLO_5V_HYS
200
mV
LDO5
VSYS_UVLO_5V
VSYS_UVLO_3V
VSYS UVLO threshold for LDO3P3
VSYS falling
3.45
3.6
3.75
V
VSYS UVLO threshold hysteresis for
VSYS rising above
VSYS_UVLO_3V_HYS
150
mV
LDO3P3
VSYS_UVLO_3V
TCRIT
Critical threshold of die temperature
TJ rising
130
145
160
°C
TCRIT_HYS
Hysteresis of TCRIT
TJ falling
10
°C
THOT
Hot threshold of die temperature
TJ rising
110
115
120
°C
THOT_HYS
Hysteresis of THOT
TJ falling
10
°C
LDO5
VIN
Input voltage at VSYS pin
5.6
13
21
V
VOUT
DC output voltage
IOUT = 10 mA
4.9
5
5.1
V
IOUT
DC output current
100
180
mA
Measured with output shorted to
IOCP
Overcurrent protection
200
mA
ground
Power Good assertion threshold in
VTH_PG
VOUT rising
94%
percentage of target VOUT
VTH_PG_HYS
Power Good deassertion hysteresis
VOUT rising or falling
4%
IQ
Quiescent current
VIN = 13 V, IOUT = 0 A
20
µA
COUT
External output capacitance
2.7
4.7
10
µF
V5ANA-to-LDO5P0 LOAD SWITCH
VIN = 5 V, measured from
RDSON
On resistance
V5ANA pin to LDO5P0 pin at
1
Ω
IOUT = 200 mA
Power Good threshold for external 5-
VTH_PG
VV5ANA rising
4.7
V
V supply
Power Good threshold hysteresis for
VTH_HYS_PG
VV5ANA falling
100
mV
external 5-V supply
Switch disabled,
ILKG
Leakage current
10
µA
VV5ANA = 5 V, VLDO5 = 0 V
LDO3P3
VIN
Input voltage at VSYS pin
5.6
13
21
V
DC output voltage
IOUT = 10 mA
3.3
V
VOUT
VIN = 13 V,
Accuracy
–3%
3%
IOUT = 10 mA
IOUT
DC output current
40
mA
Measured with output shorted to
IOCP
Overcurrent protection
70
mA
ground
Power Good assertion threshold in
VTH_PG
VOUT rising
92%
percentage of target VOUT
VTH_PG_HYS
Power Good deassertion hysteresis
VOUT falling
3%
VIN = 13 V,
IQ
Quiescent current
20
µA
IOUT = 0 A
COUT
External output capacitance
2.2
4.7
10
µF
10
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS650860


Número de pieza similar - TPS65086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKT TI1-TPS650860A0RSKT Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS65086100RSKR TI1-TPS65086100RSKR Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
More results

Descripción similar - TPS65086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com