Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS659121 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS659121
Descripción Electrónicos  PMU for Processor Power
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659121 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS659121_16 Datasheet HTML 7Page - Texas Instruments TPS659121_16 Datasheet HTML 8Page - Texas Instruments TPS659121_16 Datasheet HTML 9Page - Texas Instruments TPS659121_16 Datasheet HTML 10Page - Texas Instruments TPS659121_16 Datasheet HTML 11Page - Texas Instruments TPS659121_16 Datasheet HTML 12Page - Texas Instruments TPS659121_16 Datasheet HTML 13Page - Texas Instruments TPS659121_16 Datasheet HTML 14Page - Texas Instruments TPS659121_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
TPS659121, TPS659122
www.ti.com
SWCS071B – AUGUST 2012 – REVISED APRIL 2015
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
All pins except A/PGND pins and pins listed below with respect to
–0.3
6
AGND
VLDO1, VLDO2, VLDO3, VLDO4, VLDO5, VLDO6,
VLDO7,VLDO8, VLDO9, VLDO10, VINLDO1210, VINLDO3,
EN1 (DCDC1_SEL), EN2 (DCDC2_SEL), EN3 (DCDC3_SEL),
EN4 (DCDC4_SEL)
–0.3
3.6
SLEEP (PWR_REQ), CLK_REQ1, CLK_REQ2
VDDIO, CONFIG1, CONFIG2, DEF_SPI_I2C-GPIO, EN_LS0,
EN_LS1, OMAP_WDI, CPCAP_WDI, VCON_CLK with respect to
Voltage
V
AGND
Pin VDCDC1, VDCDC2, VDCDC3, VDCDC4 with respect to
–0.3
3.8
AGND
Pins SDA_SDI, SCL_SCK, SDO_GPIO1, SCE_GPIO2, SDA_AVS,
SCL_AVS, INT1, 32KCLKOUT,GPIO3 and GPIO4 and GPIO5 if
defined as GPIOs with push-pull output (otherwise it is 6-V rated),
–0.3
VDDIO + 0.3
NRESPWRON if nRESPWRON is push-pull output (otherwise it is
6-V rated) with respect to AGND
VCC
VDDIO
6
All non power pins
5
mA
Current
Power pins (per pin)
2
A
Operating free-air temperature, TA
–40
85
°C
Maximum junction temperature, TJ
125
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 5.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per
All pins
1000
V
Electrostatic discharge
ANSI/ESDA/JEDEC JS001(1)
VESD
(ESD) performance:
Charged device model (CDM), per JESD22-C101(2)
250
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: TPS659121 TPS659122


Número de pieza similar - TPS659121_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121YFFR TI1-TPS659121YFFR Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFT TI1-TPS659121YFFT Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
More results

Descripción similar - TPS659121_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com