Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65912x Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS65912x
Descripción Electrónicos  PMU for Processor Power
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65912x Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65912x Datasheet HTML 5Page - Texas Instruments TPS65912x Datasheet HTML 6Page - Texas Instruments TPS65912x Datasheet HTML 7Page - Texas Instruments TPS65912x Datasheet HTML 8Page - Texas Instruments TPS65912x Datasheet HTML 9Page - Texas Instruments TPS65912x Datasheet HTML 10Page - Texas Instruments TPS65912x Datasheet HTML 11Page - Texas Instruments TPS65912x Datasheet HTML 12Page - Texas Instruments TPS65912x Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
TPS659121, TPS659122
www.ti.com
SWCS071B – AUGUST 2012 – REVISED APRIL 2015
4
Device Comparison
4.1
Ordering Information
(1)
PACKAGE
PACKAGE
TA
PART NO.
CHIP SIZE
OPTIONS
PACKAGE
CODE
MARKING(2)
D = 3626 µm ±25 µm
–40°C to 85°C
TPS659121YFF
See Section 4.2
YFF
WCSP
TPS659121
E = 3681 µm ±25 µm
D = 3626 µm ±25 µm
–40°C to 85°C
TPS659122YFF
See Section 4.2
YFF
WCSP
TPS659122
E = 3681 µm ±25 µm
(1)
For the most current package and ordering information, see the Package Option Addendum in the Section 9 at the end of this
document, or visit the device product folder on ti.com, (http://www.ti.com)
(2)
The YFF package is available in tape and reel. Add R suffix (TPS659121YFFR), (TPS659122YFFR) to order quantities of 1500 parts
per reel. Add T suffix (TPS659121YFFT), (TPS659122YFFT) to order quantities of 250 parts per reel.
Copyright © 2012–2015, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback
Product Folder Links: TPS659121 TPS659122


Número de pieza similar - TPS65912x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFR TI1-TPS659121YFFR Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFT TI1-TPS659121YFFT Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122YFFR TI1-TPS659122YFFR Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
More results

Descripción similar - TPS65912x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com