Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS659121YFFT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS659121YFFT
Descripción Electrónicos  PMU for Processor Power
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659121YFFT Datasheet(HTML) 79 Page - Texas Instruments

Back Button TPS659121YFFT Datasheet HTML 75Page - Texas Instruments TPS659121YFFT Datasheet HTML 76Page - Texas Instruments TPS659121YFFT Datasheet HTML 77Page - Texas Instruments TPS659121YFFT Datasheet HTML 78Page - Texas Instruments TPS659121YFFT Datasheet HTML 79Page - Texas Instruments TPS659121YFFT Datasheet HTML 80Page - Texas Instruments TPS659121YFFT Datasheet HTML 81Page - Texas Instruments TPS659121YFFT Datasheet HTML 82Page - Texas Instruments TPS659121YFFT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
TPS659121, TPS659122
www.ti.com
SWCS071B – AUGUST 2012 – REVISED APRIL 2015
Table 6-23. DCDCx Voltage Settings (RANGE[1:0] = 2'b10)
SEL(DCDCx)[5:0]
VDCDCx (V)
SEL(DCDCx)[5:0]
VDCDCx (V)
000000
0.500
100000
1.300
000001
0.525
100001
1.325
000010
0.550
100010
1.350
000011
0.575
100011
1.375
000100
0.600
100100
1.400
000101
0.625
100101
1.425
000110
0.650
100110
1.450
000111
0.675
100111
1.475
001000
0.700
101000
1.500
001001
0.725
101001
1.525
001010
0.750
101010
1.550
001011
0.775
101011
1.575
001100
0.800
101100
1.600
001101
0.825
101101
1.625
001110
0.850
101110
1.650
001111
0.875
101111
1.675
010000
0.900
110000
1.700
010001
0.925
110001
1.725
010010
0.950
110010
1.750
010011
0.975
110011
1.775
010100
1.000
110100
1.800
010101
1.025
110101
1.825
010110
1.050
110110
1.850
010111
1.075
110111
1.875
011000
1.100
111000
1.900
011001
1.125
111001
1.925
011010
1.150
111010
1.950
011011
1.175
111011
1.975
011100
1.200
111100
2.000
011101
1.225
111101
2.025
011110
1.250
111110
2.050
011111
1.275
111111
2.075
Copyright © 2012–2015, Texas Instruments Incorporated
Detailed Description
79
Submit Documentation Feedback
Product Folder Links: TPS659121 TPS659122


Número de pieza similar - TPS659121YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121YFFT TI1-TPS659121YFFT Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
More results

Descripción similar - TPS659121YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com