Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS9120 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS9120
Descripción Electrónicos  16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9120 Datasheet(HTML) 3 Page - Texas Instruments

  ADS9120 Datasheet HTML 1Page - Texas Instruments ADS9120 Datasheet HTML 2Page - Texas Instruments ADS9120 Datasheet HTML 3Page - Texas Instruments ADS9120 Datasheet HTML 4Page - Texas Instruments ADS9120 Datasheet HTML 5Page - Texas Instruments ADS9120 Datasheet HTML 6Page - Texas Instruments ADS9120 Datasheet HTML 7Page - Texas Instruments ADS9120 Datasheet HTML 8Page - Texas Instruments ADS9120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
CONVST
1
2
3
4
Thermal
Pad
5
6
18
17
16
15
14
13
NC
REFM
REFP
NC
SDO-3
DVDD
GND
AVDD
AVDD
SDO-2
RST
3
ADS9120
www.ti.com
SBAS710 – SEPTEMBER 2016
Product Folder Links: ADS9120
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGE Package
24-Pin VQFN
Top View
Pin Functions
PIN
FUNCTION
DESCRIPTION
NAME
NO.
AINM
10
Analog input
Negative analog input
AINP
9
Analog input
Positive analog input
AVDD
13, 14
Power supply
Analog power supply for the device
CONVST
1
Digital input
Conversion start input pin for the device.
A CONVST rising edge brings the device from ACQ state to CNV state.
CS
24
Digital input
Chip-select input pin for the device; active low.
The device takes control of the data bus when CS is low.
The SDO-x pins go to tri-state when CS is high.
DVDD
16
Power supply
Interface supply
GND
11, 15
Power supply
Ground
NC
3, 6, 12
No connection
These pins must be left floating with no external connection
REFM
4, 8
Analog input
Reference ground potential
REFP
5, 7
Analog input
Reference voltage input
RST
2
Digital input
Asynchronous reset input pin for the device.
A low pulse on the RST pin resets the device and all register bits return to a default state.
RVS
21
Digital output
Multi-function output pin for the device.
With CS held high, RVS reflects the status of the internal ADCST signal.
With CS low, the status of RVS depends on the output protocol selection.
SCLK
23
Digital input
Clock input pin for the serial interface.
All system-synchronous data transfer protocols are timed with respect to the SCLK signal.
SDI
22
Digital input
Serial data input pin for the device.
This pin is used to feed the data or command into the device.
SDO-0
20
Digital output
Serial communication: data output 0
SDO-1
19
Digital output
Serial communication: data output 1
SDO-2
18
Digital output
Serial communication: data output 2
SDO-3
17
Digital output
Serial communication: data output 3
Thermal pad
Supply
Exposed thermal pad; connecting this pin to GND is recommended


Número de pieza similar - ADS9120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
ADS9110 TI1-ADS9110 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS9110IRGER TI1-ADS9110IRGER Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
ADS9110IRGET TI1-ADS9110IRGET Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
More results

Descripción similar - ADS9120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com