Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS706 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS706
Descripción Electrónicos  150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS706 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS706 Datasheet HTML 5Page - Texas Instruments TPS706 Datasheet HTML 6Page - Texas Instruments TPS706 Datasheet HTML 7Page - Texas Instruments TPS706 Datasheet HTML 8Page - Texas Instruments TPS706 Datasheet HTML 9Page - Texas Instruments TPS706 Datasheet HTML 10Page - Texas Instruments TPS706 Datasheet HTML 11Page - Texas Instruments TPS706 Datasheet HTML 12Page - Texas Instruments TPS706 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
TPS706
www.ti.com
SBVS245A – OCTOBER 2014 – REVISED MARCH 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(nom) + 1 V
or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 19. TPS70633 Load Transient (0 mA to 50 mA)
Figure 20. TPS70633 Load Transient (1 mA to 150 mA)
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 21. TPS70633 Load Transient (50 mA to 0 mA)
Figure 22. TPS70633 Load Transient (50 mA to 150 mA)
Channel 2 = VOUT, channel 4 = VIN, IOUT = 10 mA
Channel 2 = VOUT, channel 4 = VIN, IOUT = 50 mA
Figure 23. TPS70612 Line Transient (2.7 V to 3.7 V)
Figure 24. TPS70612 Line Transient (2.7 V to 3.7 V)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS706


Número de pieza similar - TPS706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS706 TOSHIBA-TPS706 Datasheet
182Kb / 4P
   PHOTO DIODE SILICON PIN
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results

Descripción similar - TPS706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com