Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS740xx Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS740xx
Descripción Electrónicos  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS740xx Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS740xx Datasheet HTML 3Page - Texas Instruments TPS740xx Datasheet HTML 4Page - Texas Instruments TPS740xx Datasheet HTML 5Page - Texas Instruments TPS740xx Datasheet HTML 6Page - Texas Instruments TPS740xx Datasheet HTML 7Page - Texas Instruments TPS740xx Datasheet HTML 8Page - Texas Instruments TPS740xx Datasheet HTML 9Page - Texas Instruments TPS740xx Datasheet HTML 10Page - Texas Instruments TPS740xx Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
80
70
60
50
40
30
20
10
0
10
1M
Frequency(Hz)
100
V
=3.3V
V
=1.8V
V
=1.0V
I
=1.5A
C
=2.2- FCeramic
BIAS
IN
OUT
OUT
OUT
m
100k
10k
1k
TPS74001
80
70
60
50
40
30
20
10
0
10
1M
Frequency(Hz)
100
V
=3.3V
V
=1.8V
V
=1.0V
I
=1.5A
C
=2.2- FCeramic
BIAS
IN
OUT
OUT
OUT
m
100k
10k
1k
TPS74001
300
250
200
150
100
50
0
0
1600
OutputCurrent(mA)
200
1000
V
=5V
V
=1.0V
BIAS
OUT
1200
1400
800
600
400
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
1600
OutputCurrent(mA)
200
1000
V
=2.5V
V
=1.5V
IN
OUT
1200
1400
800
600
400
400
350
300
250
200
150
100
50
0
-40
125
Temperature( C)
°
-25
35
V
=5V
I
=1.5A
V
=1.5V
BIAS
OUT
OUT
50
65
20
5
-10
80
95
110
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40
125
Temperature( C)
°
-25
35
V
=2.5V
I
=1.5A
V
=1.5V
IN
OUT
OUT
50
65
20
5
-10
80
95
110
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
POWER-SUPPLY RIPPLE REJECTION
POWER-SUPPLY RIPPLE REJECTION
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 3.
Figure 4.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 5.
Figure 6.
DROPOUT VOLTAGE vs TEMPERATURE
DROPOUT VOLTAGE vs TEMPERATURE
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 7.
Figure 8.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS740xx


Número de pieza similar - TPS740xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
More results

Descripción similar - TPS740xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com