Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70916DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70916DBVR
Descripción Electrónicos  150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70916DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS70916DBVR Datasheet HTML 1Page - Texas Instruments TPS70916DBVR Datasheet HTML 2Page - Texas Instruments TPS70916DBVR Datasheet HTML 3Page - Texas Instruments TPS70916DBVR Datasheet HTML 4Page - Texas Instruments TPS70916DBVR Datasheet HTML 5Page - Texas Instruments TPS70916DBVR Datasheet HTML 6Page - Texas Instruments TPS70916DBVR Datasheet HTML 7Page - Texas Instruments TPS70916DBVR Datasheet HTML 8Page - Texas Instruments TPS70916DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
EN
NC
OUT
GND
IN
1
2
3
5
4
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
EN
NC
GND
IN
OUT
1
2
3
5
4
OUT
NC
IN
GND
EN
1
2
3
5
4
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
www.ti.com
5 Pin Configuration and Functions
TPS709: DBV Package
TPS709B: DBV Package
5-Pin SOT-23
5-Pin SOT-23
Top View
Top View
TPS709A: DBV Package
DRV Package
5-Pin SOT-23
6-Pin WSON
Top View
Top View
Pin Functions
PIN
DRV
DBV
I/O
DESCRIPTION
NAME
TPS709
TPS709
TPS709A TPS709B
Enable pin. Drive this pin high to enable the device. Drive this pin low
to put the device into low current shutdown. This pin can be left
EN
4
3
5
5
I
floating to enable the device. The maximum voltage must remain
below 6.5 V.
GND
3
2
2
1
Ground
IN
6
1
3
2
I
Unregulated input to the device
NC
2, 5
4
4
4
No internal connection
Regulated output voltage. Connect a small 2.2-µF or greater ceramic
OUT
1
5
1
3
O
capacitor from this pin to ground to assure stability.
The thermal pad is electrically connected to the GND node. Connect
Thermal pad
this pad to the GND plane for improved thermal performance.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS709


Número de pieza similar - TPS70916DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70916DBVR TI1-TPS70916DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70916DBVR TI1-TPS70916DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70916DBVR TI1-TPS70916DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70916DBVR TI1-TPS70916DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70916DBVR TI-TPS70916DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Descripción similar - TPS70916DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com