Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS728185315DRVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS728185315DRVT
Descripción Electrónicos  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315DRVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS728185315DRVT Datasheet HTML 6Page - Texas Instruments TPS728185315DRVT Datasheet HTML 7Page - Texas Instruments TPS728185315DRVT Datasheet HTML 8Page - Texas Instruments TPS728185315DRVT Datasheet HTML 9Page - Texas Instruments TPS728185315DRVT Datasheet HTML 10Page - Texas Instruments TPS728185315DRVT Datasheet HTML 11Page - Texas Instruments TPS728185315DRVT Datasheet HTML 12Page - Texas Instruments TPS728185315DRVT Datasheet HTML 13Page - Texas Instruments TPS728185315DRVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
200mA
5mA
100mA
V
=4.15V
IN
V
=3.15V
C
=1 F
OUT
OUT
m
10
1
0.1
0.01
10
100
1k
10k
Frequency(Hz)
100k
LoadI
=185mA
OUT
C
=C
=1m
IN
OUT
F
V
=1.85V
OUT
Noise=141.6 V
m
RMS
Time(100 s
)
m /div
10mV/div
V
=2.7Vto6.5V,SlewRate=1V/ s
V
=1.85V,I
=200mA
m
IN
OUT
OUT
V
OUT
V
IN
10
1
0.1
0.01
10
100
1k
10k
Frequency(Hz)
100k
LoadI
=200mA
OUT
C
=C
=1m
IN
OUT
F
V
=3.15V
OUT
Noise=217 V
m
RMS
Time(100 s
)
m /div
V
=3.8Vto6.5V,SlewRate=1V/ s
V
=3.3V,I
=200mA
m
IN
OUT
OUT
10mV/div
V
OUT
V
IN
Time(10 s
)
m /div
V
=2.7V
V
=1.85V
I
=5mAto200mA
t =t =1 s
IN
OUT
OUT
R
F
m
5mA
200mA
10mV/div
V
OUT
I
OUT
TPS728xx Series
SBVS095 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
TPS728185315 POWER-SUPPLY RIPPLE REJECTION
OUTPUT SPECTRAL NOISE DENSITY
vs FREQUENCY (VIN – VOUT = 1.0V)
vs FREQUENCY
Figure 26.
Figure 27.
OUTPUT SPECTRAL NOISE DENSITY
vs FREQUENCY
LINE TRANSIENT RESPONSE
Figure 28.
Figure 29.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated


Número de pieza similar - TPS728185315DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728185315DRVT TI-TPS728185315DRVT Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI-TPS728185315DRVT Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Descripción similar - TPS728185315DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com