Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7201Q Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS7201Q
Descripción Electrónicos  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7201Q Datasheet(HTML) 3 Page - Texas Instruments

  TPS7201Q_16 Datasheet HTML 1Page - Texas Instruments TPS7201Q_16 Datasheet HTML 2Page - Texas Instruments TPS7201Q_16 Datasheet HTML 3Page - Texas Instruments TPS7201Q_16 Datasheet HTML 4Page - Texas Instruments TPS7201Q_16 Datasheet HTML 5Page - Texas Instruments TPS7201Q_16 Datasheet HTML 6Page - Texas Instruments TPS7201Q_16 Datasheet HTML 7Page - Texas Instruments TPS7201Q_16 Datasheet HTML 8Page - Texas Instruments TPS7201Q_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS72xx chip information
These chips, when properly assembled, display characteristics similar to the TPS72xxQ. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
(6)
(4)
(3)
(7)
(2)
(1)
GND
FB
OUT
PG
IN
EN
TPS72xx
57
69
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(6)
(7)
(2)
(5)
(4)
(3)
(1)
BONDING PAD ASSIGNMENTS
SENSE
(5)
NOTE A. For most applications, OUT and SENSE should
be tied together as close as possible to the device;
for other implementations, refer to the SENSE-pin
connection
discussion
in
the
application
information section of this data sheet.
7
6
5
4
1
2
3
† Fixed-voltage
options
only
(TPS7225,
TPS7230,
TPS7233, TPS7248, and TPS7250)
‡ Adjustable version only (TPS7201)
functional block diagram
_
+
Vref = 1.188 V
OUT
SENSE¶/FB
EN
IN
GND
R1
R2
PG
_
+
TPS7201
TPS7225
TPS7230
TPS7233
TPS7248
TPS7250
DEVICE
UNIT
R1
R2
0
257
357
420
726
756
233
233
233
233
233
k
k
k
k
k
RESISTOR DIVIDER OPTIONS
§ Switch positions are shown with EN low (active).
¶ For most applications, SENSE should be externally connected to OUT as close as possible to the device.
For other implementations, refer to the SENSE-pin connection discussion in application information section.
NOTE A: Resistors are nominal values only.
1.12 V
§
§§
MOS transistors
Bilpolar transistors
Diodes
Capacitors
Resistors
COMPONENT COUNT
108
41
4
15
75


Número de pieza similar - TPS7201Q_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7201QD TI-TPS7201QD Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201QD TI-TPS7201QD Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QD TI-TPS7201QD Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QDG4 TI-TPS7201QDG4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QDR TI-TPS7201QDR Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Descripción similar - TPS7201Q_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com