Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7150Y Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS7150Y
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7150Y Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7150Y Datasheet HTML 4Page - Texas Instruments TPS7150Y Datasheet HTML 5Page - Texas Instruments TPS7150Y Datasheet HTML 6Page - Texas Instruments TPS7150Y Datasheet HTML 7Page - Texas Instruments TPS7150Y Datasheet HTML 8Page - Texas Instruments TPS7150Y Datasheet HTML 9Page - Texas Instruments TPS7150Y Datasheet HTML 10Page - Texas Instruments TPS7150Y Datasheet HTML 11Page - Texas Instruments TPS7150Y Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7133 electrical characteristics at IO = 10 mA, VI = 4.3 V, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, SENSE
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7133Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 4.3 V,
IO = 10 mA
25
°C
3.3
V
Output voltage
4.3 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 500 mA
– 40
°C to 125°C
3.23
3.37
V
IO =10mA
VI = 3 23 V
25
°C
4.5
7
IO = 10 mA,
VI = 3.23 V
– 40
°C to 125°C
8
Dropout voltage
IO = 100 mA
VI = 3 23 V
25
°C
47
60
mV
Dropout voltage
IO = 100 mA,
VI = 3.23 V
– 40
°C to 125°C
80
mV
IO = 500 mA
VI = 3 23 V
25
°C
235
300
IO = 500 mA,
VI = 3.23 V
– 40
°C to 125°C
400
Pass element series resistance
(3.23 V – VO)/IO,
VI = 3.23 V,
25
°C
0.47
0.6
Pass-element series resistance
(
O) O,
IO = 500 mA
I
,
– 40
°C to 125°C
0.8
Input regulation
VI =4 3Vto10V
50
µA ≤ IO ≤ 500 mA
25
°C
20
mV
Input regulation
VI = 4.3 V to 10 V,
50
µA ≤ IO ≤ 500 mA
– 40
°C to 125°C
27
mV
IO =5mAto500 mA
43 V
≤ VI ≤ 10 V
25
°C
21
38
mV
Output regulation
IO = 5 mA to 500 mA,
4.3 V
≤ VI ≤ 10 V
– 40
°C to 125°C
75
mV
Output regulation
IO =50 µA to 500 mA
43 V
≤ VI ≤ 10 V
25
°C
30
60
mV
IO = 50 µA to 500 mA, 4.3 V ≤ VI ≤ 10 V
– 40
°C to 125°C
120
mV
IO =50 µA
25
°C
43
54
Ripple rejection
f = 120 Hz
IO = 50 µA
– 40
°C to 125°C
40
dB
Ripple rejection
f = 120 Hz
IO = 500 mA
25
°C
39
49
dB
IO = 500 mA
– 40
°C to 125°C
36
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 H
≤ f ≤ 100 kH
CO = 4.7 µF
25
°C
274
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
CO = 10 µF
25
°C
228
µVrms
CSR† = 1
CO = 100 µF
25
°C
159
PG trip-threshold voltage
VO voltage decreasing from above VPG
– 40
°C to 125°C 2.868
3
V
PG hysteresis voltage
25
°C
35
mV
PG output low voltage
IPG =1mA
VI =2 8V
25
°C
0.22
0.4
V
PG output low voltage
IPG = 1 mA,
VI = 2.8 V
– 40
°C to 125°C
0.4
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Número de pieza similar - TPS7150Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7150Y TI-TPS7150Y Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI-TPS7150Y Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI-TPS7150Y Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI-TPS7150Y Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150YD TI-TPS7150YD Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS7150Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com