Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7350QDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7350QDRG4
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7350QDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7350QDRG4 Datasheet HTML 3Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 4Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 5Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 6Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 7Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 8Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 9Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 10Page - Texas Instruments TPS7350QDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at IO = 10 mA, EN = 0 V, Co = 4.7 µF (CSR= 1 Ω), SENSE/FB shorted to
OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS§
TJ
MIN
TYP
MAX
UNIT
Ground current (active mode)
EN
≤ 0.5 V,
VI = VO + 1 V,
25
°C
340
400
µA
Ground current (active mode)
EN
≤ 0.5 V,
VI VO + 1 V,
0 mA
≤ IO ≤ 500 mA
–40
°C to 125°C
550
µA
Input current (standby mode)
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.01
0.5
µA
Input current (standby mode)
EN = VI,
2.7 V
≤ VI ≤ 10 V
–40
°C to 125°C
2
µA
Output current limit
VO =0V
VI =10V
25
°C
1.2
2
A
Output current limit
VO = 0 V,
VI = 10 V
–40
°C to 125°C
2
A
Pass-element leakage current in standby
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.01
0.5
µA
gy
mode
EN = VI,
2.7 V
≤ VI ≤ 10 V
–40
°C to 125°C
1
µA
RESET leakage current
Normal operation
V at RESET
10 V
25
°C
0.02
0.5
µA
RESET leakage current
Normal operation,
V at RESET = 10 V
–40
°C to 125°C
0.5
µA
Output voltage temperature coefficient
–40
°C to 125°C
61
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
EN logic high (standby mode)
2.5 V
≤ VI ≤ 6 V
40
°Cto125°C
2
V
EN logic high (standby mode)
6 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2.7
V
EN logic low (active mode)
27 V
≤ VI ≤ 10 V
25
°C
0.5
V
EN logic low (active mode)
2.7 V
≤ VI ≤ 10 V
–40
°C to 125°C
0.5
V
EN hysteresis voltage
25
°C
50
mV
EN input current
0V
≤ VI ≤ 10 V
25
°C
– 0.5
0.001
0.5
µA
EN input current
0 V
≤ VI ≤ 10 V
–40
°C to 125°C
– 0.5
0.5
µA
Minimum VI for active pass element
25
°C
2.05
2.5
V
Minimum VI for active pass element
–40
°C to 125°C
2.5
V
Minimum VI for valid RESET
IO(RESET) = 300 µA
25
°C
1
1.5
V
Minimum VI for valid RESET
IO(RESET) = – 300 µA
–40
°C to 125°C
1.9
V
‡ CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to Co.
§ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Número de pieza similar - TPS7350QDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7350QDRG4 TI1-TPS7350QDRG4 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results

Descripción similar - TPS7350QDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com