Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7350QP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7350QP
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7350QP Datasheet(HTML) 2 Page - Texas Instruments

  TPS7350QP Datasheet HTML 1Page - Texas Instruments TPS7350QP Datasheet HTML 2Page - Texas Instruments TPS7350QP Datasheet HTML 3Page - Texas Instruments TPS7350QP Datasheet HTML 4Page - Texas Instruments TPS7350QP Datasheet HTML 5Page - Texas Instruments TPS7350QP Datasheet HTML 6Page - Texas Instruments TPS7350QP Datasheet HTML 7Page - Texas Instruments TPS7350QP Datasheet HTML 8Page - Texas Instruments TPS7350QP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The RESET output of the TPS73xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS73xx monitors the output voltage of the regulator
to detect an undervoltage condition on the regulated output voltage.
If that occurs, the RESET output (open-drain NMOS) turns on, taking the RESET signal low. RESET stays low
for the duration of the undervoltage condition. Once the undervoltage condition ceases, a 200-ms (typ) time-out
begins. At the completion of the 200-ms delay, RESET goes high.
An order of magnitude reduction in dropout voltage and quiescent current over conventional LDO performance
is achieved by replacing the typical pnp pass transistor with a PMOS device.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (maximum of 35 mV
at an output current of 100 mA for the TPS7350) and is directly proportional to the output current (see Figure 1).
Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is low and remains
constant, independent of output loading (typically 340
µA over the full range of output current, 0 mA to 500 mA).
These two key specifications yield a significant improvement in operating life for battery-powered systems.
The LDO family also features a sleep mode; applying a logic high signal to EN (enable) shuts down the regulator,
reducing the quiescent current to 0.5
µA maximum at TJ = 25°C.
The TPS73xx is offered in 2.5-V, 3-V, 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for the 2.5 V and the adjustable version). The TPS73xx family is
available in PDIP (8 pin), SO (8 pin) and TSSOP (20 pin) packages. The TSSOP has a maximum height of
1.2 mm.
Figure 1. Dropout Voltage Versus Output Current
0.25
0.2
0.1
0.05
0
0.15
0
50
100 150 200 250 300
0.3
350 400 450 500
TA = 25°C
TPS7348
TPS7350
IO – Output Current – mA
TPS7333
TPS7330
TPS7325
Figure 2. Typical Application Configuration
† TPS7325, TPS7330, TPS7333, TPS7348, TPS7350 (fixed-voltage
options)
‡ Capacitor selection is nontrivial. See application information
section for details.
SENSE
RESET
OUT
OUT
9
8
6
10
IN
IN
IN
EN
GND
3
2
1
20
15
14
13
VI
0.1
µF
To System
Reset
CSR = 1
VO
10
µF
+
TPS73xxPW†
CO‡
250 k


Número de pieza similar - TPS7350QP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7350QP TI-TPS7350QP Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7350QP TI1-TPS7350QP Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7350QPE4 TI1-TPS7350QPE4 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7350QPW TI-TPS7350QPW Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7350QPWLE TI1-TPS7350QPWLE Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results

Descripción similar - TPS7350QP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com