Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSU0509-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza CSU0509-LF
Descripción Electrónicos  1.8 Watt Isolated DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CSU0509-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  CSU0509-LF Datasheet HTML 1Page - Bothhand USA, LP. CSU0509-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSU0509 LF
1.8 Watt Isolated DC-DC Converter
Bothhand USA
Page 1 of 1
CSU0509 LF-Spec-X0-051129
Approved By :
Checked By :
Tested By : Jenny
1. Features:
1.1.
16 Pin SMD Package
1.2.
Low Ripple and Noise
1.3.
Input / Output Isolation :1000 Vdc
1.4.
Net Weight :3 g Typical
1.5. ROHS Converter certified By SGS
2. Input Specification:
2.1. Input Voltage
4.5 ~ 5.5 Vdc
2.2. Max. Input Current
444 mA Max.
@ Vin = 5Vdc and Output at Full Load.
2.3. Quiescent Current
22 mA Typical
@ Vin = 5Vdc and No Load.
2.4. Input Filter
Internal Capacitor
2.5. Switching Frequency
60 KHz Typ.
2.6. Input Efficiency
81 %
Min.
@ Vin = 5Vdc and 100 % Load. ( 85 % Typical )
3. Output Specification:
3.1. Output Voltage
9 Vdc
@ Vin = 5Vdc and Output at Full Load.
3.2. Output Voltage Accuracy
± 5 %
Vo = 8.55 ~ 9.45Vdc
3.3. Output Current
200 mA
3.4. Ripple & Noise
80 mVp-p Max.
@ 20 MHz BW
3.5. Line Regulation
1.3 % / 1.0 % Max.
See Note (1).
3.6. Load Regulation
8 %
See Note (2).
3.7. Output Short circuit duration
1 Second Max.
( Auto Recovery )
3.8. Temperature Coefficient
± 0.02 % ℃
Note :
(1). Line Regulation : Set output load to full load, Then adjust input voltage from 4.5Vdc to 5.5Vdc (10% change), The output voltage
difference must be within 13 % of the output at full load and nominal input.
(2). Load Regulation : Set input voltage at 5.0Vdc, Then changing the load
current from 20 % to 100 % Max. Load. The output
voltage difference must be within 8 % of the output at full load and nominal input,…………
..「 Load Regulation
= ( Vmax. – Vmin.) / Vnom * 100 % 」
4. General Specification:
4.1. Isolation Voltage
1000 Vdc
Test duration 60 Seconds / 0.5 mA
4.2. Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
4.3. Operating Temperature
-40℃ ~ +85℃
@ Ambient Temperature with Natural convention
4.4. Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
4.5. Storage Temperature
-55℃ ~ +125℃
4.6. Humidity
Up to 90 %
4.7. Cooling
Free Air convection
4.8. Case Type
Non-ConductivePlastic


Número de pieza similar - CSU0509-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
CSU0509LF BOTHHAND-CSU0509LF Datasheet
141Kb / 2P
   Isolated DC-DC Converters
More results

Descripción similar - CSU0509-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Texas Instruments
PT3320 TI-PT3320 Datasheet
1Mb / 5P
[Old version datasheet]   30 WATT ISOLATED DC/DC CONVERTER
PT3340 TI-PT3340 Datasheet
1Mb / 5P
[Old version datasheet]   30 WATT ISOLATED DC/DC CONVERTER
logo
Bothhand USA, LP.
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com