Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1-0515(H)LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza SM1-0515(H)LF
Descripción Electrónicos  1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SM1-0515(H)LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SM1-0515(H)LF Datasheet HTML 1Page - Bothhand USA, LP. SM1-0515(H)LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Lead Frame & Injection Technology
High Efficiency Up to 83%
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
100% Burn-In
Un-Regulated type
Net Weight : 1.6 g / 2.1 g Typical
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output Series
SM1-053R3(H) LF
3.3
200
22
171
60
± 12
77
SM1-0505(H) LF
5
200
25
246
60
± 10
81
SM1-0509(H) LF
9
110
23
254
80
± 10
78
SM1-0512(H) LF
12
84
25
252
100
± 8
80
SM1-0515(H) LF
5
15
67
28
248
120
± 8
81
SM1-123R3(H) LF
3.3
200
12
73
60
± 12
75
SM1-1205(H) LF
5
200
15
100
60
± 8
81
SM1-1209(H) LF
9
110
15
105
80
± 8
78
SM1-1212(H) LF
12
84
15
103
100
± 6
81
SM1-1215(H) LF
12
15
67
14
100
120
± 6
83
SM1-243R3(H) LF
3.3
200
6
44
60
± 8
67
SM1-2405(H) LF
5
200
7
63
60
± 5
71
SM1-2409(H) LF
9
110
6
60
80
± 5
73
SM1-2412(H) LF
12
84
8
58
100
± 5
76
SM1-2415(H) LF
24
15
67
8
58
120
± 5
77
Mechanical Dimensions (1/2):
Single Output Series (For Isolation Voltage 1KVdc)
Single Output Series (For Isolation Voltage 3KVdc)
0.25±0.13
1.50
(0.06)
11.20
(0.44)
2.05
(0.08)
5.10
(0.20)
0°~10°
8.40
(0.33)
SM1-0505 LF
Date Code
7.40±0.25
(0.291)
2.54
(0.10)
12.80
(0.50)
Pin
1KVdc - Single
Pin
1
-Vin
NC
14
3
+Vin
12
5
No Pin
No Pin
10
7
-Vo
+Vo
8
Date Code
SM1-0505H LF
15.20
(0.60)
2.54
(0.10)
7.62
(0.30)
11.20
(0.44)
7.40
(0.291)
0°~10°
8.40
(0.33)
5.10
(0.20)
2.05
(0.08)
1.50
(0.06)
10.16
(0.40)
Pin
3KVdc - Single
Pin
1
-Vin
N.C.
18
3
+Vin
No Pin
16
5
No Pin
No Pin
14
7
-Vo
+Vo
12
9
NC
No Pin
10
SM1 LF Series
1W Isolated DC/DC Converter
20
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Número de pieza similar - SM1-0515(H)LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
logo
Pulse A Technitrol Comp...
SM1 PULSE-SM1 Datasheet
224Kb / 8P
   2Watt Pulse, Electrostatically Shielded
logo
List of Unclassifed Man...
SM1 ETC-SM1 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
MIC GROUP RECTIFIERS
SM10 MIC-SM10 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM10 ETC-SM10 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
More results

Descripción similar - SM1-0515(H)LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com