Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78101DRVRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS78101DRVRG4
Descripción Electrónicos  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78101DRVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS78101DRVRG4 Datasheet HTML 1Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS78101DRVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS781DDC
TSOT23-5
(TOPVIEW)
OUT
V
/FB
SET
IN
GND
EN
1
2
3
5
4
TPS781DRV
2mmx2mmSON-6
(TOPVIEW)
IN
GND
EN
6
5
4
OUT
N/C
V
FB
/
SET
1
2
3
Thermal
Pad
TPS781 Series
www.ti.com ........................................................................................................................................................... SBVS102B – MARCH 2008 – REVISED MAY 2008
150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1µA
with Pin-Selectable, Dual-Level Output Voltage
The VSET pin allows the end user to switch between
two
voltage
levels
on-the-fly
through
a
2
• Low I
Q: 1µA
microprocessor-compatible
input.
This
LDO
is
• 150mA, Low-Dropout Regulator with
designed specifically for battery-powered applications
Pin-Selectable Dual Voltage Level Output
where dual-level voltages are needed. With ultralow
IQ (1µA), microprocessors, memory cards, and smoke
• Low Dropout: 200mV at 150mA
detectors are ideal applications for this device.
• 3% Accuracy Over Load/Line/Temperature
The ultralow-power and selectable dual-level output
• Available in Dual-Level, Fixed Output Voltages
voltages
allow
designers
to
customize
power
from 1.5V to 4.2V Using Innovative Factory
consumption for specific applications. Designers can
EPROM Programming
now shift to a lower voltage level in a battery-powered
• Available in an Adjustable Version from 1.22V
design when the microprocessor is in sleep mode,
to 5.25V or a Dual-Level Output Version
further reducing overall system power consumption.
The two voltage levels are preset at the factory
• V
SET Pin Toggles Output Voltage Between Two
through a unique architecture using an EPROM. The
Factory-Programmed Voltage Levels
EPROM
technique
allows
for
numerous
output
• Stable with a 1.0µF Ceramic Capacitor
voltage options between VSET low (1.5V to 4.2V) and
• Thermal Shutdown and Overcurrent Protection
VSET high (2.0V to 3.0V) in the fixed output version
only. Consult with your local factory representative for
• CMOS Logic Level-Compatible Enable Pin
exact voltage options and ordering information;
• Available in DDC (TSOT23-5) or DRV (2mm ×
minimum order quantities may apply.
2mm SON-6) Package Options
The TPS781 series are designed to be compatible
with the TI MSP430 and other similar products. The
enable pin is compatible with standard CMOS logic.
• TI MSP430 Attach Applications
This LDO is stable with any output capacitor greater
• Power Rails with Programming Mode
than 1.0
µF. Therefore, implementations of this device
• Dual Voltage Levels for Power-Saving Mode
require minimal board space because of miniaturized
• Wireless Handsets, Smartphones, PDAs, MP3
packaging and a potentially small output capacitor.
Players, and Other Battery-Operated Handheld
The TPS781 series IQ (1µA) also come with thermal
Products
shutdown and current limit to protect the device
during
fault
conditions.
All
packages
have
an
operating temperature range of TJ = –40°C to
+125
°C. For high-performance applications requiring
The TPS781 family of low-dropout (LDO) regulators
a dual-level voltage option, consider the TPS780
offer the benefits of ultralow power (IQ = 1µA),
series, with an IQ of 500nA and dynamic voltage
miniaturized packaging (2
×2 SON-6), and selectable
scaling.
dual-level output voltage levels. An adjustable version
is also available, but does not have the capability to
shift voltage levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS78101DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78101DRVRG4 TI1-TPS78101DRVRG4 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
More results

Descripción similar - TPS78101DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com