Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76733QPWPG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS76733QPWPG4
Descripción Electrónicos  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76733QPWPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76733QPWPG4 Datasheet HTML 2Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 3Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 4Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 5Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 6Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 9Page - Texas Instruments TPS76733QPWPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS767
SLVS208J – MAY 1999 – REVISED AUGUST 2015
www.ti.com
7.5 Electrical Characteristics
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (over recommended operating free-air temperature range, unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS76701
V
1.5 V
≤ VO ≤ 5.5 V,
TJ = −40°C to 125°C
0.98VO
1.02VO
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS76715
V
TJ = −40°C to 125°C,
2.7 V < VIN < 10 V
1.470
1.530
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS76718
V
TJ = −40°C to 125°C,
2.8 V < VIN < 10 V
1.7646
1.836
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
TPS76725
V
TJ = −40°C to 125°C,
3.5 V < VIN < 10 V
2.450
2.550
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
Output voltage
TPS76727
V
(10 µA to 1 A load)
TJ = −40°C to 125°C,
3.7 V < VIN < 10 V
2.646
2.754
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS76728
V
TJ = −40°C to 125°C,
3.8 V < VIN < 10 V
2.7446
2.856
TJ = 25°C,
4.0 V < VIN < 10 V
3
TPS76730
V
TJ = −40°C to 125°C,
4.0 V < VIN < 10 V
2.9400
3.060
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS76733
TJ = −40°C to 125°C,
4.3 V < VIN < 10 V
3.2346
3.366
TJ = 25°C,
6.0 V < VIN < 10 V
5
TPS76750
TJ = −40°C to 125°C,
6.0 V < VIN < 10 V
4.900
5.100
10 µA < IO < 1 A,
TJ = 25°C
85
Quiescent current (GND current) EN = 0V
µA
IO = 1 A,
TJ = −40°C to 125°C
125
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 10 V,
TJ = 25°C
0.01
%/V
Load regulation
3
mV
BW = 200 Hz to 100 kHz,
IC = 1 A,
Output noise voltage
TPS76718
55
µVrms
Co = 10 µF,
TJ = 25°C
Output current limit
VO = 0 V
1.2
1.7
2
A
Thermal shutdown junction temperature
150
°C
EN = VI,
TJ = 25°C, 2.7 V < VI < 10 V
1
µA
Standby current
TJ = −40°C to 125°C,
EN = VI,
10
µA
2.7 V < VI < 10 V
FB input current
TPS76701
FB = 1.5 V
2
nA
High level enable input voltage
1.7
V
Low level enable input voltage
0.9
V
Power supply ripple rejection
f = 1 kHz, Co = 10 µF,
TJ = 25°C
60
dB
Minimum input voltage for valid
IO(RESET) = 300 μA
1.1
RESET
Trip threshold voltage
VO decreasing
92
98
Hysteresis voltage
Measured at VO
0.5
Reset
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
Leakage current
V(RESET) = 5 V
1
RESET time-out delay
200
EN = 0 V
–1
0
1
Input current (EN)
µA
EN = VI
–1
1
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated


Número de pieza similar - TPS76733QPWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76733QPWPG4 TI-TPS76733QPWPG4 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS76733QPWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com