Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78601DRBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS78601DRBR
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78601DRBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78601DRBR Datasheet HTML 4Page - Texas Instruments TPS78601DRBR Datasheet HTML 5Page - Texas Instruments TPS78601DRBR Datasheet HTML 6Page - Texas Instruments TPS78601DRBR Datasheet HTML 7Page - Texas Instruments TPS78601DRBR Datasheet HTML 8Page - Texas Instruments TPS78601DRBR Datasheet HTML 9Page - Texas Instruments TPS78601DRBR Datasheet HTML 10Page - Texas Instruments TPS78601DRBR Datasheet HTML 11Page - Texas Instruments TPS78601DRBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 2.2 µF
CNR = 0.1 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 10 µF
CNR = 0.1 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
CNR ( F)
µ
IOUT = 1.5 A
COUT = 10 µF
BW = 100 Hz to 100 kHz
0.001 µF
0.01 µF
0.1 µF
0.0047 µF
0
100
200
300
400
500
600
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
VIN = 2.7 V
COUT = 10 µF
IOUT = 1.5 A
TPS786
SLVS389M – SEPTEMBER 2002 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. TPS78630 Root Mean Squared Output Noise vs
Figure 8. TPS78628 Dropout Voltage vs Junction
Bypass Capacitance
Temperature
Figure 9. TPS78630 Ripple Rejection vs Frequency
Figure 10. TPS78630 Ripple Rejection vs Frequency
Figure 12. TPS78630 Ripple Rejection vs Frequency
Figure 11. TPS78630 Ripple Rejection vs Frequency
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS786


Número de pieza similar - TPS78601DRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS78601DRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com