Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78618KTTTG3 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS78618KTTTG3
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78618KTTTG3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78618KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 10Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 11Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 12Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 13Page - Texas Instruments TPS78618KTTTG3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.25
2.50
2.75
3
0
100
200
300
400
500
600
t (µs)
VIN = 4 V,
COUT = 10 µF,
IIN = 1.5 A
Enable
CNR =
0.01 µF
CNR =
0.001 µF
CNR =
0.0047 µF
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
1
500
1000
1500
30
125
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 10 µF
Region of Stability
1
500
1000
1500
30
125
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (V)
T
J
=+125°C
I
OUT
=1.5A
T
J
=+25°C
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
1
500
1000
1500
30
125
TPS786
SLVS389M – SEPTEMBER 2002 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 20. TPS78630 Typical Regions of Stability Equivalent
Figure 19. Minimum Required Input Voltage vs Output
Series Resistance (ESR) vs Output Current
Voltage
Figure 21. TPS78630 Typical Regions of Stability Equivalent
Figure 22. TPS78630 Typical Regions of Stability Equivalent
Series Resistance (ESR) vs Output Current
Series Resistance (ESR) vs Output Current
Figure 23. Start-Up
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS786


Número de pieza similar - TPS78618KTTTG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78618KTTTG3 TI-TPS78618KTTTG3 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618KTTTG3 TI1-TPS78618KTTTG3 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS78618KTTTG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com