Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS68000 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS68000
Descripción  HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS68000 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Timebase (200 ms /div)
Lamp Current (Voltage at CSEN) (5 V / div)
Lamp Voltage (Voltage at VSEN) (2 V / div)
VCC = 24 V
Timebase (200 ms /div)
Lamp Current (Voltage at CSEN) (5 V / div)
Lamp Voltage (Voltage at VSEN) (2 V / div)
VCC = 12 V
Not Recommended for New Designs
TPS68000
www.ti.com
SLVS524A – OCTOBER 2005 – REVISED FEBRUARY 2006
LAMP CURRENT AND
LAMP VOLTAGE AT STARTUP
VCC = 12 V
Figure 10.
LAMP CURRENT AND
LAMP VOLTAGE AT STARTUP
VCC = 24V
Figure 11.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS68000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn