Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70151PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70151PWPG4
Descripción Electrónicos  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70151PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS70151PWPG4 Datasheet HTML 1Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 2Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 3Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 4Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 5Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 6Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 7Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 8Page - Texas Instruments TPS70151PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Line Reg. (mV)
+ (% V)
V
O
V
Imax
*2.7V
100
1000
Line Reg. (mV)
+ (% V)
V
O
V
Imax* VO)1V
100
1000
(3)
If VO < 1.8V then VImax = 6V, VImin = 2.7V:
If VO > 2.5V then VImax = 6V, VImin = VO + 1V:
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
THERMAL INFORMATION
TPS701xx
THERMAL METRIC(1) (2)
UNITS
PWP (20 PINS)
qJA
Junction-to-ambient thermal resistance
74.1
qJCtop
Junction-to-case (top) thermal resistance
43.1
qJB
Junction-to-board thermal resistance
19.7
°C/W
yJT
Junction-to-top characterization parameter
2.9
yJB
Junction-to-board characterization parameter
17.3
qJCbot
Junction-to-case (bottom) thermal resistance
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
RECOMMENDED OPERATING CONDITIONS
Over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage, VI
(1)(regulator 1 and 2)
2.7
6
V
Output current, IO (regulator 1)
0
500
mA
Output current, IO (regulator 2)
0
250
mA
Output voltage range (for adjustable option)
1.22
5.5
V
Operating junction temperature, TJ
–40
+125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
ELECTRICAL CHARACTERISTICS
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUT(nom) + 1V, IO = 1mA,
EN = 0V, CO = 33mF, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
2.7V < VI < 6V,
FB connected to VO
1.22
voltage
TJ = +25°C
2.7V < VI < 6V,
FB connected to VO
1.196
1.244
1.2V Output
2.7V < VI < 6V,
TJ = +25°C
1.2
2.7V < VI < 6V,
1.176
1.224
1.5V Output
2.7V < VI < 6V,
TJ = +25°C
1.5
Output
2.7V < VI < 6V,
1.47
1.53
VO
voltage(1) ,
V
(2)
1.8V Output
2.7V < VI < 6V,
TJ = +25°C
1.8
2.7V < VI < 6V,
1.764
1.836
2.5V Output
2.7V < VI < 6V,
TJ = +25°C
2.5
2.7V < VI < 6V,
2.45
2.55
3.3V Output
2.7V < VI < 6V,
TJ = +25°C
3.3
2.7V < VI < 6V,
3.234
3.366
(2)
TJ = +25°C
190
Quiescent current (GND current) for
mA
regulator 1 and regulator 2, EN = 0V(1)
(2)
230
VO + 1V < VI ≤ 6V,
TJ = +25°C
(1)
0.01%
Output voltage line regulation (
∆VO/VO)
V
for regulator 1 and regulator 2 (3)
VO + 1V < VI ≤ 6V
(1)
0.1%
Load regulation for VOUT 1 and VOUT2
TJ = +25°C
(2)
1
mV
(1)
Minimum input operating voltage is 2.7V or VO(typ) + 1V, whichever is greater. Maximum input voltage = 6V, minimum output
current = 1mA.
(2)
IO = 1mA to 250mA for Regulator 1 and 1mA to 125mA for Regulator 2.
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated


Número de pieza similar - TPS70151PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70151PWPG4 TI-TPS70151PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Descripción similar - TPS70151PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com