Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS701 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS701
Descripción Electrónicos  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS701 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS701 Datasheet HTML 22Page - Texas Instruments TPS701 Datasheet HTML 23Page - Texas Instruments TPS701 Datasheet HTML 24Page - Texas Instruments TPS701 Datasheet HTML 25Page - Texas Instruments TPS701 Datasheet HTML 26Page - Texas Instruments TPS701 Datasheet HTML 27Page - Texas Instruments TPS701 Datasheet HTML 28Page - Texas Instruments TPS701 Datasheet HTML 29Page - Texas Instruments TPS701 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
RESET
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
VI
VOUT1
MR1
0.1
µF
10
µF
10
µF
0.1
µF
MR2
EN
TPS701xxPWP
(Fixed Output Option)
>2 V
<0.7 V
250 k
120ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQUENCE
95%
83%
83%
95%
NOTE A: t1 − Time at which both VOUT1 and VOUT2 are greater than the PG1 thresholds and MR1 is logic high.
t1
(see Note A)
VOUT1 faults out
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
Application condition: MR2 is tied to PG1, VIN1 and
VIN2 are tied to the same input voltage, the SEQ pin
is tied to logic high and VOUT1 faults out.
VOUT2 begins to power up when the device is enabled
(EN is pulled low). When VOUT2 reaches 83% of its
regulated voltage, then VOUT1 begins to power up.
When VOUT1 reaches 95% of its regulated voltage,
PG1 turns on and RESET switches to high voltage
level after a 120ms delay. When VOUT1 faults out,
VOUT2 remains powered on because the SEQ pin is
high. PG1 is tied to MR2 and both change state to
logic low. RESET is driven by MR2 and goes to logic
low when VOUT1 faults out (see Figure 43).
Figure 43. Timing when VOUT1 Faults Out
26
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated


Número de pieza similar - TPS701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70102 TI-TPS70102 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70102 TI-TPS70102 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70102PWP TI-TPS70102PWP Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70102PWP TI1-TPS70102PWP Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70102PWP TI-TPS70102PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Descripción similar - TPS701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com