Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70748PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70748PWP
Descripción Electrónicos  Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70748PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS70748PWP Datasheet HTML 7Page - Texas Instruments TPS70748PWP Datasheet HTML 8Page - Texas Instruments TPS70748PWP Datasheet HTML 9Page - Texas Instruments TPS70748PWP Datasheet HTML 10Page - Texas Instruments TPS70748PWP Datasheet HTML 11Page - Texas Instruments TPS70748PWP Datasheet HTML 12Page - Texas Instruments TPS70748PWP Datasheet HTML 13Page - Texas Instruments TPS70748PWP Datasheet HTML 14Page - Texas Instruments TPS70748PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
www.ti.com
Power-Good
Manual Reset Pins (MR1 and MR2)
Sense (VSENSE1, VSENSE2)
FB1 and FB2
RESET Indicator
VIN1 and VIN2
VOUT1 and VOUT2
TPS70745, TPS70748
TPS70751, TPS70758
TPS70702
SLVS291D – MAY 2000 – REVISED DECEMBER 2007
The PG1 is an open drain, active high output terminal that indicates the status of the VOUT1 regulator. When the
VOUT1 reaches 95% of its regulated voltage, PG1 goes to a high impedance state. It goes to a low impedance
state when it is pulled below 95% (for example, doing an overload condition) of its regulated voltage. The open
drain output of the PG1 terminal requires a pull-up resistor.
MR1 and MR2 are active low input terminals used to trigger a reset condition. When either MR1 or MR2 is pulled
to logic low, a POR (RESET) occurs. These terminals have a 6-
µA pull-up current to V
IN1.
The sense terminals of fixed-output options must be connected to the regulator output, and the connection
should be as short as possible. Internally, sense connects to high-impedance, wide-bandwidth amplifiers through
a resistor-divider network and noise pickup feeds through to the regulator output. It is essential to route the
sense connection in such a way to minimize or avoid noise pickup. Adding RC networks between the VSENSE
terminals and VOUT terminals to filter noise is not recommended because these networks can cause the
regulators to oscillate.
FB1 and FB2 are input terminals used for adjustable-output devices and must be connected to the external
feedback resistor divider. FB1 and FB2 connections should be as short as possible. It is essential to route them
in such a way as to minimize or avoid noise pickup. Adding RC networks between the FB terminals and VOUT
terminals to filter noise is not recommended because these networks can cause the regulators to oscillate.
The TPS707xx features a RESET (SVS, POR, or Power-On Reset). RESET can be used to drive power-on reset
circuitry or a low-battery indicator. RESET is an active low, open drain output that indicates the status of the
VOUT2 regulator and both manual reset pins (MR1 and MR2). When VOUT2 exceeds 95% of its regulated voltage,
and MR1 and MR2 are in the high impedance state, RESET goes to a high-impedance state after 120ms delay.
RESET goes to a low-impedance state when VOUT2 is pulled below 95% (for example, an overload condition) of
its regulated voltage. To monitor VOUT1, the PG1 output pin can be connected to MR1 or MR2. The open drain
output of the RESET terminal requires a pullup resistor. If RESET is not used, it can be left floating.
VIN1 and VIN2 are input to the regulators. Internal bias voltages are powered by VIN1.
VOUT1 and VOUT2 are output terminals of the LDO.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - TPS70748PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70748PWP TI-TPS70748PWP Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Descripción similar - TPS70748PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com