Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74901 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS74901
Descripción Electrónicos  3-A Low Dropout Linear Regulator With Programmable Soft-Start
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74901 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74901_16 Datasheet HTML 7Page - Texas Instruments TPS74901_16 Datasheet HTML 8Page - Texas Instruments TPS74901_16 Datasheet HTML 9Page - Texas Instruments TPS74901_16 Datasheet HTML 10Page - Texas Instruments TPS74901_16 Datasheet HTML 11Page - Texas Instruments TPS74901_16 Datasheet HTML 12Page - Texas Instruments TPS74901_16 Datasheet HTML 13Page - Texas Instruments TPS74901_16 Datasheet HTML 14Page - Texas Instruments TPS74901_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Thermal
Limit
Soft-Start
Discharge
OUT
V
OUT
FB
PG
IN
BIAS
SS
EN
Hysteresis
and Deglitch
Current
Limit
UVLO
0.44 A
m
0.8V
Reference
0.9
V
´
REF
GND
C
SS
R
1
R
2
Copyright © 2016, Texas Instruments Incorporated
11
TPS74901
www.ti.com
SBVS082I – JUNE 2007 – REVISED MAY 2016
Product Folder Links: TPS74901
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS74901 belongs to a family of low-dropout regulators that feature soft-start capabilities. These regulators
use a low-current bias input to power all internal control circuitry, allowing the NMOS pass transistor to regulate
very-low input and output voltages.
The use of an NMOS-pass FET offers several critical advantages for many applications. Unlike a PMOS topology
device, the output capacitor has little effect on loop stability. This architecture allows the TPS74901 to be stable
with any capacitor with a value of 2.2 µF or greater. Transient response is also superior to PMOS topologies,
particularly for low VIN applications.
The TPS74901 features a programmable voltage-controlled soft-start circuit that provides a smooth, monotonic
start-up and limits start-up inrush currents that may be caused by large capacitive loads. A power-good (PG)
output is available to allow supply monitoring and sequencing of other supplies. An enable (EN) pin with
hysteresis and deglitch allows slow-ramping signals to be used for sequencing the device. The low VIN and VOUT
capability allows for inexpensive, easy-to-design, and efficient linear regulation between the multiple supply
voltages often present in processor-intensive systems.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable and Shutdown
The enable (EN) pin is active high and is compatible with standard digital-signaling levels. VEN below 0.4 V turns
the regulator off and VEN above 1.1 V turns the regulator on. Unlike many regulators, the enable circuitry has
hysteresis and deglitching for use with relatively slowly ramping analog signals. This configuration allows the
TPS74901 to be enabled by connecting the output of another supply to the EN pin. The enable circuitry typically
has 50 mV of hysteresis and a deglitch circuit to help avoid ON-OFF cycling because of small glitches in the VEN
signal.
The enable threshold is typically 0.8 V and varies with temperature and process variations. Temperature
variation is approximately –1 mV/°C; process variation accounts for most of the rest of the variation to the 0.4-V
and 1.1-V limits. If precise turnon timing is required, a fast rise-time signal must be used to enable the
TPS74901.


Número de pieza similar - TPS74901_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74901DRCR TI-TPS74901DRCR Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901DRCRM3 TI-TPS74901DRCRM3 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901DRCT TI-TPS74901DRCT Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901KTWR TI-TPS74901KTWR Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901KTWR TI-TPS74901KTWR Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Descripción similar - TPS74901_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74901 TI-TPS74901_V01 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com