Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS73250 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS73250 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 22 page www.ti.com ABSOLUTE MAXIMUM RATINGS POWER DISSIPATION RATINGS (1) TPS73201-EP ,, TPS73215-EP TPS73216-EP, TPS73218-EP, TPS73225-EP TPS73230-EP, TPS73233-EP, TPS73250-EP SGLS346 – JUNE 2006 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT(2) XX is the nominal output voltage (for example, 25 = 2.5 V, 01 = Adjustable(3)). TPS732xxyyyz YYY is the package designator. Z is the package quantity. (1) For the most current specification and package information, see the Package Option Addendum located at the end of this data sheet or see the TI website at www.ti.com. (2) Output voltages from 1.2 V to 4.5 V in 50-mV increments are available through the use of innovative factory EEPROM programming; minimum order quantities may apply. Contact factory for details and availability. (3) For fixed 1.2 V operation, tie FB to OUT. over operating junction temperature range unless otherwise noted(1) VIN range –0.3 V to 6 V VEN range –0.3 V to 6 V VOUT range –0.3 V to 5.5 V Peak output current Internally limited Output short-circuit duration Indefinite Continuous total power dissipation See Dissipation Ratings Table Ambient temperature range, TA –55 °C to 150°C Storage temperature range –65 °C to 150°C ESD rating, HBM 2 kV ESD rating, CDM 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. TA ≤ 25°C TA = 70°C TA = 85°C TA = 125°C DERATING FACTOR BOARD PACKAGE RΘJC RΘJA POWER POWER POWER POWER ABOVE TA = 25°C RATING RATING RATING RATING Low-K(2) DBV 64 °C/W 255 °C/W 3.9 mW/ °C 450 mW 275 mW 215 mW 58 mW High-K(3) DBV 64 °/W 180 °C/W 5.6 mW/ °C 638 mW 388 mW 305 mW 83 mW (1) See Power Dissipation in the Applications section for more information related to thermal design. (2) The JEDEC Low-K (1s) board design used to derive this data was a 3 inch × 3 inch, two-layer board with 2-ounce copper traces on top of the board. (3) The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch × 3 inch, multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board. 2 Submit Documentation Feedback |
Número de pieza similar - TPS73250 |
|
Descripción similar - TPS73250 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |