Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75325 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS75325
Descripción Electrónicos  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75325 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75325 Datasheet HTML 6Page - Texas Instruments TPS75325 Datasheet HTML 7Page - Texas Instruments TPS75325 Datasheet HTML 8Page - Texas Instruments TPS75325 Datasheet HTML 9Page - Texas Instruments TPS75325 Datasheet HTML 10Page - Texas Instruments TPS75325 Datasheet HTML 11Page - Texas Instruments TPS75325 Datasheet HTML 12Page - Texas Instruments TPS75325 Datasheet HTML 13Page - Texas Instruments TPS75325 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS75101Q1, '75115Q1, '75118Q1, '75125Q1, '75133Q1 WITH POWER GOOD
TPS75301Q1, TPS75315Q1, TPS75318Q1, TPS75325Q1, TPS75333Q1 WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS159A − APRIL 2003 − REVISED APRIL 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
IO − Output Current − mA
TPS75x33Q
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.303
3.297
3.301
3.299
3.295
500
1500
3.305
0
1000
VO
VI = 4.3 V
TJ = 25°C
IO − Output Current − mA
TPS75x15Q
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.502
1.499
1.501
1.5
1.498
1.503
0
1.497
500
1500
1000
VO
Figure 3
VI = 2.7 V
TJ = 25°C
TJ − Junction Temperature − °C
TPS75x33Q
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
Figure 4
3.31
−40
10
3.33
160
3.35
3.29
60
110
3.25
3.27
1 mA
1.5 A
3.23
3.37
VI = 4.3 V
Figure 5
TJ − Junction Temperature − °C
TPS75x15Q
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.48
−40
10
1.50
110
60
160
1.52
1.51
1.49
VI = 2.7 V
1.47
1.53
1 mA
1.5 A


Número de pieza similar - TPS75325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75325 TI1-TPS75325 Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
TPS75325-EP TI1-TPS75325-EP Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75325-EP TI1-TPS75325-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
TPS75325-Q1 TI1-TPS75325-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75325-Q1 TI1-TPS75325-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS75325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com