Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS75901KTTR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS75901KTTR
Descripción  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS75901KTTR Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
IN
EN
OUT
+
GND
Co
ESR
RL
VI
To Load
0.01
0
7.5
10
IO − Output Current − A
1
0.1
Region of Stability
0.015
Region of Instability
Co = 680 µF
TJ = 25°C
1.5
3
4.5
6
0.01
0
7.5
10
IO − Output Current − A
1
0.2
Co = 47 µF
TJ = 25°C
Region of Stability
Region of Instability
1.5
3
4.5
6
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
Figure 18. Test Circuit for Typical Regions of Stability
(See Figure 19 and Figure 20) (Fixed Output Options)
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(A)
EQUIVALENT SERIES RESISTANCE(A)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
A. Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, ay
series resistance added externally, and PWB trace resistance to CO.
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn